Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8318ACPZ-WP Datasheet(PDF) 9 Page - Analog Devices

Part # AD8318ACPZ-WP
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-WP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8318ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 9Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 10Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 11Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 12Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8318
Rev. 0 | Page 9 of 24
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
Figure 9. Distribution of Error over Temperature after Ambient
Normalization vs. Input Amplitude at 900 MHz for at least 70 Devices
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
Figure 10. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude at 1900 MHz for at least 70 Devices
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
Figure 11. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude at 2.2 GHz for at least 70 Devices
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
Figure 12. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude at 3.6 GHz for at least 70 Devices
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
Figure 13. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude at 5.8 GHz (TADJ =1000 Ω) for at least
70 Devices
4.5
–4.5
–3.6
–2.7
–1.8
–0.9
0
0.9
1.9
2.7
3.6
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
Figure 14. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude at 8 GHz for at least 70 Devices


Similar Part No. - AD8318ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318ACPZ-WP AD-AD8318ACPZ-WP Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
AD8318ACPZ-WP AD-AD8318ACPZ-WP Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318ACPZ-WP AD-AD8318ACPZ-WP Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
More results

Similar Description - AD8318ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com