Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3936 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3936
Description  DMOS THREE-PHASE PWM MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3936 Datasheet(HTML) 8 Page - Allegro MicroSystems

  3936 Datasheet HTML 1Page - Allegro MicroSystems 3936 Datasheet HTML 2Page - Allegro MicroSystems 3936 Datasheet HTML 3Page - Allegro MicroSystems 3936 Datasheet HTML 4Page - Allegro MicroSystems 3936 Datasheet HTML 5Page - Allegro MicroSystems 3936 Datasheet HTML 6Page - Allegro MicroSystems 3936 Datasheet HTML 7Page - Allegro MicroSystems 3936 Datasheet HTML 8Page - Allegro MicroSystems 3936 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3936
Terminal List
Pin No.
Pin Name
Pin Description
1GND
2GND
3
HA+
Hall input
4
HA-
Hall input
5
HB+
Hall input
6
HB-
Hall input
7
HC+
Hall input
8
HC-
Hall input
9VDD
Logic Supply Voltage
10
REF
Gm Reference Input Voltage
11
GND
12
GND
13
GND
14
BRAKE
Logic Input
15
SENSE
Sense Resistor Connection
16
SR
Logic Input (Disabled = Low, Active SR = High)
17
OUTA
DMOS H – Bridge A
18
HBIAS
Connection for hall element neg side
19
VBB1
Load Supply Voltage
20
LSS1
Low Side Source connection
21
OUTB
DMOS H – Bridge B
22
GND
23
GND
24
GND
25
LSS2
Low Side Source connection
26
VBB2
Load Supply Voltage
27
TACH
Speed output
28
OUTC
DMOS H – Bridge C
29
VCP
Reservoir Capacitor Terminal
30
CP1
Charge Pump Capacitor Terminal
31
CP2
Charge Pump Capacitor Terminal
32
SLEEP
Logic input for SLEEP mode
33
GND
34
GND
35
GND
36
OSC
Oscillator Terminal
37
VREG
Regulator decoupling Terminal
38
DIR
Logic Input
39
ENABLE
Logic Input
40
EXTMODE
Logic Input
41
BLANK
Logic Input
42
PFD2
Logic Input
43
PFD1
Logic Input
44
GND
Power Ground Tab


Similar Part No. - 3936

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
39364 MACOM-39364 Datasheet
45Kb / 1P
   HAND TOOL ASSEMBLY
logo
TE Connectivity Ltd
39364 TEC-39364 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
39364 TEC-39364 Datasheet
186Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
39364 TEC-39364 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
39364 TEC-39364 Datasheet
1Mb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 3936

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com