Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH162245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VCXH162245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH162245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VCXH162245 Datasheet HTML 3Page - STMicroelectronics 74VCXH162245 Datasheet HTML 4Page - STMicroelectronics 74VCXH162245 Datasheet HTML 5Page - STMicroelectronics 74VCXH162245 Datasheet HTML 6Page - STMicroelectronics 74VCXH162245 Datasheet HTML 7Page - STMicroelectronics 74VCXH162245 Datasheet HTML 8Page - STMicroelectronics 74VCXH162245 Datasheet HTML 9Page - STMicroelectronics 74VCXH162245 Datasheet HTML 10Page - STMicroelectronics 74VCXH162245 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74VCXH162245
7/11
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per
circuit)
TEST CIRCUIT
CL = 30 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500Ω or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM SYMBOL VALUES
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
CIN
Input Capacitance
2.5 or 3.3
VIN = 0 or VCC
4pF
COUT
Output Capacitance
2.5 or 3.3
VIN = 0 or VCC
8pF
CPD
Power Dissipation Capacitance
(note 1)
2.5 or 3.3
fIN = 10MHz
VIN = 0 or VCC
28
pF
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ (VCC = 3.0 to 3.6V)
6V
tPZL,tPLZ (VCC = 2.3 to 2.7V)
2VCC
tPZH,tPHZ
GND
Symbol
VCC
3.0 to3.6V
2.3 to 2.7V
VIH
2.7V
VCC
VM
1.5V
VCC/2
VX
VOL + 0.3V
VOL + 0.15V
VY
VOH - 0.3V
VOH - 0.15V


Similar Part No. - 74VCXH162245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTD FAIRCHILD-74VCXH162240MTD Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162240MTX FAIRCHILD-74VCXH162240MTX Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results

Similar Description - 74VCXH162245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX16245 STMICROELECTRONICS-74VCX16245 Datasheet
212Kb / 14P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
November 2003
74VCXH16245 STMICROELECTRONICS-74VCXH16245 Datasheet
292Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
July 2003
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74ALVCR162245 STMICROELECTRONICS-74ALVCR162245 Datasheet
512Kb / 11P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74ALVCH16244 STMICROELECTRONICS-74ALVCH16244 Datasheet
224Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com