Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT04PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT04PW
Description  Hex inverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT04PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT04PW Datasheet HTML 1Page - NXP Semiconductors 74HCT04PW Datasheet HTML 2Page - NXP Semiconductors 74HCT04PW Datasheet HTML 3Page - NXP Semiconductors 74HCT04PW Datasheet HTML 4Page - NXP Semiconductors 74HCT04PW Datasheet HTML 5Page - NXP Semiconductors 74HCT04PW Datasheet HTML 6Page - NXP Semiconductors 74HCT04PW Datasheet HTML 7Page - NXP Semiconductors 74HCT04PW Datasheet HTML 8Page - NXP Semiconductors 74HCT04PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2003 Jul 23
3
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
74HC04N
−40 to +125 °C
14
DIP14
plastic
SOT27-1
74HCT04N
−40 to +125 °C
14
DIP14
plastic
SOT27-1
74HC04D
−40 to +125 °C
14
SO14
plastic
SOT108-1
74HCT04D
−40 to +125 °C
14
SO14
plastic
SOT108-1
74HC04DB
−40 to +125 °C
14
SSOP14
plastic
SOT337-1
74HCT04DB
−40 to +125 °C
14
SSOP14
plastic
SOT337-1
74HC04PW
−40 to +125 °C
14
TSSOP14
plastic
SOT402-1
74HCT04PW
−40 to +125 °C
14
TSSOP14
plastic
SOT402-1
74HC04BQ
−40 to +125 °C
14
DHVQFN14
plastic
SOT762-1
74HCT04BQ
−40 to +125 °C
14
DHVQFN14
plastic
SOT762-1
PINNING
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
1Y
data output
3
2A
data input
4
2Y
data output
5
3A
data input
6
3Y
data output
7
GND
ground (0 V)
8
4Y
data output
9
4A
data input
10
5Y
data output
11
5A
data input
12
6Y
data output
13
6A
data input
14
VCC
supply voltage
handbook, halfpage
MNA340
04
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1A
1Y
2A
2Y
3A
3Y
GND
4Y
4A
5Y
5A
6Y
6A
VCC
Fig.1
Pin configuration DIP14, SO14 and
(T)SSOP14.


Similar Part No. - 74HCT04PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT04PW PHILIPS-74HCT04PW Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
74HCT04PW PHILIPS-74HCT04PW Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
SHENZHEN FUMAN ELECTRON...
74HCT04PW FUMAN-74HCT04PW Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
Nexperia B.V. All right...
74HCT04PW NEXPERIA-74HCT04PW Datasheet
263Kb / 15P
   Hex inverter
Rev. 9 - 9 February 2023
logo
NXP Semiconductors
74HCT04PW-Q100 NXP-74HCT04PW-Q100 Datasheet
132Kb / 16P
   Hex inverter
Rev. 2-10 April 2013
More results

Similar Description - 74HCT04PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com