Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC378PMQR Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74AC378PMQR
Description  Parallel D Register with Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74AC378PMQR Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74AC378PMQR Datasheet HTML 1Page - National Semiconductor (TI) 74AC378PMQR Datasheet HTML 2Page - National Semiconductor (TI) 74AC378PMQR Datasheet HTML 3Page - National Semiconductor (TI) 74AC378PMQR Datasheet HTML 4Page - National Semiconductor (TI) 74AC378PMQR Datasheet HTML 5Page - National Semiconductor (TI) 74AC378PMQR Datasheet HTML 6Page - National Semiconductor (TI) 74AC378PMQR Datasheet HTML 7Page - National Semiconductor (TI) 74AC378PMQR Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Characteristics for ’AC Family Devices (Continued)
74AC
54AC
74AC
Symbol
Parameter
VCC
TA e
TA e
TA e
Units
Conditions
(V)
a
25 C
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
40
800
400
m
A
VIN e VCC
Supply Current
or GND
Maximum test duration 20 ms one output loaded at a time
Note
IIN and ICC
30V are guaranteed to be less than or equal to the respective limit
55V VCC
ICC for 54AC
25 C is identical to 74AC
25 C
AC Electrical Characteristics
74AC
54AC
74AC
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock
33
125
160
95
110
MHz
Frequency
50
160
200
95
145
tPLH
Propagation Delay
33
25
85
110
15
120
25
125
ns
CP to Qn
50
15
60
80
15
90
15
90
tPHL
Propagation Delay
33
25
80
105
15
120
25
110
ns
CP to Qn
50
15
55
75
15
90
15
80
Voltage Range 33 is 33V g03V
Voltage Range 50 is 50V g05V
AC Operating Requirements
74AC
54AC
74AC
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Typ
Guaranteed Minimum
ts
Setup Time HIGH or LOW
33
15
30
40
35
ns
Dn to CP
50
10
20
40
25
th
Hold Time HIGH or LOW
33
10
20
40
20
ns
Dn to CP
50
10
20
40
20
ts
Setup Time HIGH or
33
0
20
25
20
ns
LOW E to CP
50
0
20
25
20
th
Hold Time HIGH or
33
10
20
40
20
ns
LOW E to CP
50
10
20
40
20
tw
CP Pulse Width
33
30
45
65
55
ns
HIGH or LOW
50
20
35
65
40
Voltage Range 33 is 33V g03V
Voltage Range 50 is 50V g05V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
45
pF
VCC e OPEN
CPD
Power Dissipation Capacitance
28
pF
VCC e 50V
4


Similar Part No. - 74AC378PMQR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74AC373 ONSEMI-74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
logo
STMicroelectronics
74AC373B STMICROELECTRONICS-74AC373B Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results

Similar Description - 74AC378PMQR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC378 MOTOROLA-MC74AC378 Datasheet
186Kb / 7P
   PARALLEL D REGISTER WITH ENABLE
logo
National Semiconductor ...
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
Fairchild Semiconductor
74F378 FAIRCHILD-74F378 Datasheet
56Kb / 6P
   Parallel D-Type Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
Texas Instruments
54F378 TI1-54F378 Datasheet
416Kb / 10P
[Old version datasheet]   54F378 74F378 Parallel D Register with Enable
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379_00 Datasheet
78Kb / 7P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com