Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT04DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT04DB
Description  Hex inverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT04DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT04DB Datasheet HTML 1Page - NXP Semiconductors 74HCT04DB Datasheet HTML 2Page - NXP Semiconductors 74HCT04DB Datasheet HTML 3Page - NXP Semiconductors 74HCT04DB Datasheet HTML 4Page - NXP Semiconductors 74HCT04DB Datasheet HTML 5Page - NXP Semiconductors 74HCT04DB Datasheet HTML 6Page - NXP Semiconductors 74HCT04DB Datasheet HTML 7Page - NXP Semiconductors 74HCT04DB Datasheet HTML 8Page - NXP Semiconductors 74HCT04DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2003 Jul 23
2
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
FEATURES
• Complies with JEDEC standard no. 8-1A
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74HC/HCT04 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A. The 74HC/HCT04 provide six inverting
buffers.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. For 74HC04: the condition is VI = GND to VCC.
For 74HCT04: the condition is VI = GND to VCC − 1.5 V.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC04
HCT04
tPHL/tPLH
propagation delay nA to nY
CL = 15 pF; VCC = 5 V
78ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per gate notes 1 and 2
21
24
pF
INPUT
OUTPUT
nA
nY
LH
HL


Similar Part No. - 74HCT04DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT04DB PHILIPS-74HCT04DB Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
74HCT04DB PHILIPS-74HCT04DB Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
SHENZHEN FUMAN ELECTRON...
74HCT04DB FUMAN-74HCT04DB Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
NXP Semiconductors
74HCT04DB-Q100 NXP-74HCT04DB-Q100 Datasheet
132Kb / 16P
   Hex inverter
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HCT04DB-Q100 NEXPERIA-74HCT04DB-Q100 Datasheet
710Kb / 16P
   Hex inverter
More results

Similar Description - 74HCT04DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com