Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74V2G125 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 74V2G125
Description  DUAL BUS BUFFER (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 4 page
background image
74V2G125
4/9
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
3.3(*)
15
5.1
7.5
1.0
8.5
1.0
9.5
ns
3.3(*)
50
5.6
8.0
1.0
9.5
1.0
10.5
5.0(**)
15
3.8
5.5
1.0
6.5
1.0
7.5
5.0(**)
50
4.3
6.5
1.0
7.5
1.0
8.5
tPLZ
tPHZ
Output Disable
Time
3.3(*)
15
RL =1 K
5.4
8.0
1.0
9.0
1.0
10.0
ns
3.3(*)
50
RL =1 K
7.9
11.5
1.0
12.5
1.0
13.5
5.0(**)
15
RL =1 K
3.6
5.0
1.0
6.0
1.0
7.0
5.0(**)
50
RL =1 K
5.1
7.0
1.0
8.0
1.0
9.0
tPZL
tPZH
Output Enable
Time
3.3(*)
15
RL =1 K
5.4
7.6
1.0
9.5
1.0
10.5
ns
3.3(*)
50
RL =1 K
5.9
8.5
1.0
10.0
1.0
11.0
5.0(**)
15
RL =1 K
3.7
5.9
1.0
7.0
1.0
8.0
5.0(**)
50
RL =1 K
4.1
6.5
1.0
7.5
1.0
8.5
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
COUT
Output
Capacitance
6pF
CPD
Power Dissipation
Capacitance
(note 1)
14
pF




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVC2G126Dual bus buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74V2T125DUAL BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
SN74AUC2G125DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
SN74LVC2G126DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
HD74LV2GT125ADual Bus Buffer with 3-state Output / CMOS Logic Level Shifter 1 2 3 4 5 MoreRenesas Technology Corp
74V2G241DUAL BUS BUFFER NON INVERTED 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC7WH240FUDUAL BUS BUFFER INVERTED 3-STATE OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
HD74ALVC2G241Dual Bus Buffer Noninverted with 3-state Output 1 2 3 4 5 MoreHitachi Semiconductor
TC7WH241FUDUAL BUS BUFFER NON INVERTED 3-STATE OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74V2T126DUAL BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl