Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC299 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 74AC299
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC299 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 74AC299 Datasheet HTML 5Page - STMicroelectronics 74AC299 Datasheet HTML 6Page - STMicroelectronics 74AC299 Datasheet HTML 7Page - STMicroelectronics 74AC299 Datasheet HTML 8Page - STMicroelectronics 74AC299 Datasheet HTML 9Page - STMicroelectronics 74AC299 Datasheet HTML 10Page - STMicroelectronics 74AC299 Datasheet HTML 11Page - STMicroelectronics 74AC299 Datasheet HTML 12Page - STMicroelectronics 74AC299 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
74AC299
11/13
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C0.50
0.020
c1
45 (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
M0.75
0.029
S8 (max.)
P013L
SO-20 MECHANICAL DATA


Similar Part No. - 74AC299

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC299 FAIRCHILD-74AC299 Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
74AC299MTC FAIRCHILD-74AC299MTC Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
74AC299PC FAIRCHILD-74AC299PC Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
74AC299SC FAIRCHILD-74AC299SC Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
More results

Similar Description - 74AC299

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com