Electronic Components Datasheet Search |
|
LFX1200C-03F900I Datasheet(PDF) 10 Page - Lattice Semiconductor |
|
LFX1200C-03F900I Datasheet(HTML) 10 Page - Lattice Semiconductor |
10 / 89 page Lattice Semiconductor ispXPGA Family Data Sheet 10 Figure 10. ispXPGA PIC Programmable Input/Output The PIO is the building block of a PIC. The PIO has a total of 11 inputs and five outputs. Nine of the 11 inputs are generated from routing. The inputs from routing are the PIO Input (IN), Feed-Thru (FT), Clock (CLK), Input Clock Enable (ICE), Input Set/Reset (ISR), Output Clock Enable (OCEN), Output Set/Reset (OSR), PIO Output Enable (OEN), and PIO Input Enable (IEN). The remaining inputs are the sysIO input buffer signal and the Global Set/ Reset signal. Three of the five outputs (OUT0, OUT1, and OE) feed routing. The last two outputs feed the sysIO buffer directly as the output and output enable of the sysIO output buffer. PIOs associated with sysHSI blocks contain two additional inputs and outputs to support the sysHSI block. The two inputs come from the sysHSI block associated with the PIO, and the two outputs feed the sysHSI block. One of the inputs routes directly through the PIO to routing, while the other is multiplexed with the Feed-Thru, register bypass, and Q output of the register to form the OUT1 output of the PIO. The outputs to the sysHSI block are the same sig- nals as the outputs which feed the sysIO buffers (sysIO Output and sysIO Output Enable). Each PIO has an input register, an output register, and an output enable register as shown in Figure 11. The input register path of the PIO has a ‘delay’ option, which slows the data-flow. A two-input OR function of the Global Set/ Reset (GSR) and Set/Reset (ISR or OSR) signals creates the set/reset term for the respective registers. Each PIO has two pairs of set/reset and clock enable signals. One is exclusive to the input register, whereas the other is com- mon for both the output and output enable registers. The clock (CLK) is common to all registers in a PIO, and the polarity of the clock is controllable. The input, output, and the output enable registers can be configured as a latch or D-type flip-flop. Each PIO is capable of generating an output enable signal, which in turn becomes a PIC output. PIC PIO0 PIO1 OE1 OE0 sysIO 9 2 2 To routing Only for PICs associated with sysHSI blocks Only for PICs associated with sysHSI blocks To routing To routing To routing From routing From routing GSR sysIO From sysHSI block To sysHSI block 2 2 9 From sysHSI block To sysHSI block 2 2 |
Similar Part No. - LFX1200C-03F900I |
|
Similar Description - LFX1200C-03F900I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |