Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641XE Datasheet(PDF) 1 Page - Xicor Inc.

Part # X76F641XE
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641XE Datasheet(HTML) 1 Page - Xicor Inc.

  X76F641XE Datasheet HTML 1Page - Xicor Inc. X76F641XE Datasheet HTML 2Page - Xicor Inc. X76F641XE Datasheet HTML 3Page - Xicor Inc. X76F641XE Datasheet HTML 4Page - Xicor Inc. X76F641XE Datasheet HTML 5Page - Xicor Inc. X76F641XE Datasheet HTML 6Page - Xicor Inc. X76F641XE Datasheet HTML 7Page - Xicor Inc. X76F641XE Datasheet HTML 8Page - Xicor Inc. X76F641XE Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
9900-5004.5 3/9/99 EP
1
Characteristics subject to change without notice
64K
X76F641
8Kx8+32x8
Functional Diagram
Secure SerialFlash
FEATURES
• 64-bit Password Security
—Five 64-bit Passwords for Read, Program
and Reset
• 8192 Byte+32 Byte Password Protected Arrays
—Seperate Read Passwords
—Seperate Write Passwords
—Reset Password
• Programmable Passwords
• Retry Counter Register
—Allows 8 tries before clearing of both arrays
—Password Protected Reset
• 32-bit Response to Reset (RST Input)
• 32 byte Sector Program
• 400kHz Clock Rate
• 2 wire Serial Interface
• Low Power CMOS
—2.0 to 5.5V operation
—Standby current Less than 1µA
—Active current less than 3 mA
• High Reliability Endurance:
—100,000 Write Cycles
• Data Retention: 100 years
• Available in:
—8 lead EIAJ SOIC
—SmartCard Module
DESCRIPTION
The X76F641 is a Password Access Security Supervisor,
containing one 65536-bit Secure SerialFlash array and
one 256-bit Secure SerialFlash array. Access to each
memory array is controlled by five 64-bit passwords
each. These passwords protect read and write opera-
tions of the memory array. A separate RESET password
is used to reset the passwords and clear the memory
arrays in the event the read and write passwords are lost.
The X76F641 features a serial interface and software
protocol allowing operation on a popular two wire bus.
The bus signals are a clock Input (SCL) and a bidirec-
tional data input and output (SDA).
The X76F641 also features a synchronous response to
reset providing an automatic output of a hard-wired 32-bit
data stream conforming to the industry standard for
memory cards.
The X76F641 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
LOGIC
SCL
SDA
RST
INTERFACE
8K BYTE
DATA TRANSFER
ARRAY ACCESS
ENABLE
RESET
RESPONSE REGISTER
PASSWORD ARRAY
AND PASSWORD
VERIFICATION LOGIC
RETRY COUNTER
SerialFlash ARRAY
32 BYTE
SerialFlash ARRAY
ARRAY 0
ARRAY 1
(PASSWORD PROTECTED)
(PASSWORD PROTECTED)
7025 FM 01
ISO 7816 Compatible


Similar Part No. - X76F641XE

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F641XE ICMIC-X76F641XE Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641XE-2.0 ICMIC-X76F641XE-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641XEG ICMIC-X76F641XEG Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641XEG-2.0 ICMIC-X76F641XEG-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
More results

Similar Description - X76F641XE

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com