Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641W-2.0 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X76F641W-2.0
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641W-2.0 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X76F641W-2.0 Datasheet HTML 2Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 3Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 4Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 5Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 6Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 7Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 8Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 9Page - Xicor Inc. X76F641W-2.0 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
X76F641
6
ACK Polling
Once a stop condition is issued to indicate the end of the
host’s write sequence, the X76F641 initiates the internal
nonvolatile write cycle. In order to take advantage of the
typical
5ms
write
cycle,
ACK
polling
can
begin
immediately. This involves issuing the start condition
followed by the new command code of 8 bits (1st byte of
the protocol.) If the X76F641 is still busy with the
nonvolatile write operation, it will issue a “no-ACK” in
response.
If
the
nonvolatile
write
operation
has
completed, an “ACK” will be returned and the host can
then proceed with the rest of the protocol.
After the password sequence, there is always a nonvola-
tile write cycle. This is done to discourage random
guesses of the password if the device is being tampered
with. In order to continue the transaction, the X76F641
requires the master to perform an ACK polling with the
specific code of F0h. As with regular Acknowledge polling
the user can either time out for 10ms, and then issue the
ACK polling once, or continuously loop as described in
the flow.
If the password that was inserted was correct, then an
“ACK” will be returned once the nonvolatile cycle is over,
in response to the ACK polling cycle immediately follow-
ing it.
If the password that was inserted was incorrect, then a
“no ACK” will be returned even if the nonvolatile cycle is
over. Therefore, the user cannot be certain that the pass-
word is incorrect until the 10ms write cycle time has
elapsed.
Data ACK Polling Sequence
ACK
RETURNED
?
ISSUE NEW
COMMAND
CODE
WRITE SEQUENCE
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED
7025 FM 08
Password ACK Polling Sequence
ACK
RETURNED
?
ISSUE
PASSWORD
ACK COMMAND
PASSWORD LOAD
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED
7025 FM 09


Similar Part No. - X76F641W-2.0

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F641W-2.0 ICMIC-X76F641W-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
More results

Similar Description - X76F641W-2.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com