Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WA08-2433A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WA08-2433A
Description  820-980 MHz LOW NOISE BALANCE AMPLIFIER WA08-2433A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WA08-2433A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WA08-2433A Datasheet HTML 1Page - List of Unclassifed Manufacturers WA08-2433A Datasheet HTML 2Page - List of Unclassifed Manufacturers WA08-2433A Datasheet HTML 3Page - List of Unclassifed Manufacturers WA08-2433A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
17350 Horizon Trail, SE
Prior Lake, MN 55372
USA
Tel. 1 952 212 8028
Fax: 1 952 447 8028
e-amil: sales@wantcominc.com
www.wantcominc.com
Figure 2 shows the output power vs. input power of WA08-2433A.
FIG. 2 Typical output power at room temperature.
FIG. 3 Output IP3 of WA08-2433A.
d) Output IP3
Figure 3 demonstrate the output IP3 performance of WA08-2433A. The minimum IP3 is 38 dBm.
e) Noise Figure
The noise figure of WA08-2433A is 0.60 dB at room temperature and add 0.15 dB at +85 °C.
FIG. 4 WA08-2433A noise figure at full temperature
FIG. 5 The stability coefficient k of WA08-2433A
f) WA08-2433A Mechanical Outline: WP-1
g) Ordering Information
Model Number
WA08-2433A
h) Small Signal S-Parameters:
!WA08-2433A
!s-parameters at Vds=7~15V, Id=125mA. Last updated 10/13/02.
Vdd=+5.0 ~ +15V, Idd=125 mA
WA08-2433A Pout vs. Pin
-20
-15
-10
-5
0
5
10
15
20
25
30
-30
-25
-20
-15
-10
-5
0
5
10
Pin (dBm)
Pout(dBm), 0.9 GHz
WA08-2433A IP3 vs. Frequency
30
32
34
36
38
40
42
44
46
48
50
0.80 0.82 0.84 0.86 0.88 0.90 0.92 0.94 0.96 0.98 1.00
Freq (GHz)
IP3 (dBm), Pout =
0dBm
WA08-2433A Noise Figure
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.80 0.82 0.84 0.86 0.88 0.90 0.92 0.94 0.96 0.98 1.00
Freq (GHz)
NF (dB), 25C
NF (dB), -40C
NF (dB), 85C
WA08-2433A Stability Coefficient k
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Freq (GHz)


Similar Part No. - WA08-2433A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WA0805ML180A LITTELFUSE-WA0805ML180A Datasheet
46Kb / 1P
   Multilayer Ceramic Transient Voltage Suppressors for Automotive Applications
More results

Similar Description - WA08-2433A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELPD-290 MACOM-ELPD-290 Datasheet
161Kb / 2P
   E-Series 2-Way 90 Power Divider 820 - 980 MHz
logo
M/A-COM Technology Solu...
ELPD-290 MA-COM-ELPD-290 Datasheet
155Kb / 2P
   E-Series 2-Way 90쨘 Power Divider 820 - 980 MHz
logo
Analog Devices
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-621P8 BOARDCOM-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM-191 MA-COM-AM-191 Datasheet
68Kb / 3P
   Low Noise Amplifier 100 - 600 MHz
logo
Tyco Electronics
AM-191 MACOM-AM-191 Datasheet
214Kb / 3P
   Low Noise Amplifier, 100 - 600 MHz
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com