Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23105A5303A201 Datasheet(PDF) 4 Page - Tyco Electronics

Part # V23105A5303A201
Description  The Best Relaytion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23105A5303A201 Datasheet(HTML) 4 Page - Tyco Electronics

  V23105A5303A201 Datasheet HTML 1Page - Tyco Electronics V23105A5303A201 Datasheet HTML 2Page - Tyco Electronics V23105A5303A201 Datasheet HTML 3Page - Tyco Electronics V23105A5303A201 Datasheet HTML 4Page - Tyco Electronics V23105A5303A201 Datasheet HTML 5Page - Tyco Electronics V23105A5303A201 Datasheet HTML 6Page - Tyco Electronics V23105A5303A201 Datasheet HTML 7Page - Tyco Electronics V23105A5303A201 Datasheet HTML 8Page - Tyco Electronics V23105A5303A201 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5
3.5
7.2
0.25
400
62
V23105A5401A201 0-1393793-6
6
4.2
8.6
0.30
400
90
V23105A5402A201 0-1393793-7
9
6.3
12.9
0.45
400
203
V23105A5406A201 1-1393793-0
12
8.4
17.2
0.60
400
360
V23105A5403A201 0-1393793-8
24
16.8
34.3
1.20
400
1440
V23105A5405A201 0-1393793-9
48
33.6
68.6
2.40
400
5760
V23105A5407A201 1-1393793-1
D2n Relay
400 mW nominal power consumption
3
2.1
6.1
0.15
200
45
V23105A5308A201 0-1393793-5
5
3.5
10.1
0.25
200
125
V23105A5301A201 9-1393792-3
6
4.2
12.2
0.30
200
180
V23105A5302A201 9-1393792-5
9
6.3
18.2
0.45
200
405
V23105A5306A201 0-1393793-2
12
8.4
24.3
0.60
200
720
V23105A5303A201 9-1393792-7
24
16.8
48.6
1.20
200
2880
V23105A5305A201 9-1393792-9
48
33.6
97.2
2.40
200
11520
V23105A5307A201 0-1393793-3
200 mW nominal power consumption
5
4.0
11.7
0.25
150
167
V23105A5001A201 8-1393792-5
6
4.8
14.0
0.30
150
240
V23105A5002A201 8-1393792-7
9
7.2
21.0
0.45
150
540
V23105A5006A201 9-1393792-1
12
9.6
28.0
0.60
150
960
V23105A5003A201 8-1393792-8
24
19.2
56.0
1.20
165
3480
V23105A5005A201 9-1393792-0
150 mW nominal power consumption
5
3.5
6.1
0.25
695
36
V23105A5501A201 1-1393793-6
6
4.2
7.3
0.30
515
70
V23105A5502A201 1-1393793-8
9
6.3
10.9
0.45
580
140
V23105A5506A201 2-1393793-3
12
8.4
14.5
0.60
515
280
V23105A5503A201 1-1393793-9
24
16.8
29.1
1.20
550
1050
V23105A5505A201 2-1393793-1
48
33.6
58.1
2.40
575
4000
V23105A5507A201 2-1393793-4
> 500 mW nominal power consumption
V23105
Page 4 (11)
108-98007 Rev. C
Coil versions, BT 47 type / specification T4563 C (current tested)
Nominal
Operating
Nominal power
Resistance
British
Relay code
Tyco
voltage
current
consumption
Telecom Code
Part Number
Vdc
mA
mW
W / ± 10 %
5
80
695
36
47 W / 5
V23105A5475A201 1-1393793-2
10
32.5
500
200
47 W / 9
V23105A5479A201 3-1393794-0
12
27
515
280
47 W / 6
V23105A5476A201 1-1393793-3
24
14
550
1050
47 W / 7
V23105A5477A201 1-1393793-4
48
7
575
4000
47 W / 8
V23105A5478A201 1-1393793-5
Coil Data (values at 23°C)
Nominal
Operate/set voltage range
Release/
Coil
Coil
Relay
Tyco part
voltage
reset voltage
power
Resistance
code
number
Unom
Minimum
Minimum
Maximum
voltage U
min
voltage U
max
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Ordering Information


Similar Part No. - V23105A5303A201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23105A5303A201 MACOM-V23105A5303A201 Datasheet
888Kb / 3P
   D2n Relay V23105
logo
TE Connectivity Ltd
V23105A5303A201 TEC-V23105A5303A201 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
More results

Similar Description - V23105A5303A201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com