Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2974 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC2974
Description  DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2974 Datasheet(HTML) 4 Page - Texas Instruments

  UCC2974 Datasheet HTML 1Page - Texas Instruments UCC2974 Datasheet HTML 2Page - Texas Instruments UCC2974 Datasheet HTML 3Page - Texas Instruments UCC2974 Datasheet HTML 4Page - Texas Instruments UCC2974 Datasheet HTML 5Page - Texas Instruments UCC2974 Datasheet HTML 6Page - Texas Instruments UCC2974 Datasheet HTML 7Page - Texas Instruments UCC2974 Datasheet HTML 8Page - Texas Instruments UCC2974 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UCC2974
UCC3974
SLUS485A – JULY 2001 – REVISED NOVEMBER 2001
4
www.ti.com
electrical characteristics over recommended operating virtual junction temperature range,
TA = 0_C to 70_C for the UCC3974, TA = –40_C to 85_C, for the UCC2974, TA = TJ.
VIN = VBUCK = 12 V, MODE = OPEN (unless otherwise noted)
mode select
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Enable threshold voltage
0.425
0.500
0.575
Output enable threshold voltage
0.85
1.00
1.15
V
Open lamp detect enable voltage threshold
2.75
3
3.25
V
Low-frequency dimming (LFD) voltage threshold
3.8
4.0
4.1
MODE output current
MODE = 0.5 V
3.3
5.0
6.8
µA
MODE clamp voltage
MODE = OPEN
4.0
4.2
4.4
V
low-frequency dimming
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Duty cycle
RC = 400 kΩ,
RD = 20 kΩ,
CLFD = 10 nF,
DIM < 0.5 V
6%
10%
12%
Maximum duty cycle
RC = 400 kΩ,
RD = 20 kΩ,
CLFD = 10 nF,
DIM > 3.1 V
100%
Free-running oscillator frequency
RC = 400 kΩ,
RD = 20 kΩ,
CLFD = 10 nF
200
Synchronized oscillator frequency
RC = 400 kΩ,
RD = 20 kΩ,
CLFD = 10 nF,
FLFDSYNC = 400 Hz at VLFDSYNC = 2.25 V
400
Hz
open lamp
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Open lamp detect threshold voltage
VIN = 12 V,
Measured at VBUCK wrt VIN
–8.5
–7.8
–7.0
Open lamp detect threshold voltage
VIN = 25 V,
Measured at VBUCK wrt VIN
–8.6
–7.8
–6.9
V
Voltage clamp detect threshold voltage
Measured at VBUCK
–9.6
–8.75
–8.0
NOTES:
1: Ensured by design, not production tested.


Similar Part No. - UCC2974

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC2974PW TI1-UCC2974PW Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
More results

Similar Description - UCC2974

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com