Electronic Components Datasheet Search |
|
TK70203CS2G0 Datasheet(PDF) 1 Page - TOKO, Inc |
|
TK70203CS2G0 Datasheet(HTML) 1 Page - TOKO, Inc |
1 / 2 page POWER&RF 2005 SPRING 1.03V positive LDO regulator IC with on/off control On/offコントロール付1.03V低飽和レギュレータIC TK70203CS2G0 DESCRIPTION The TK70203CS2G0 is a low dropout linear regulators with on/off control, which can supply 8mA load current. TK70203CS2G0シリーズは、出力電流8mAを安定に供給でき る on/offコントロール付低飽和レギュレータICです。 FEATURES Output Current: 8mA 出力電流 : 8mA Very Low Dropout Voltage: V DROP=30mV at IOUT=2mA 少ない入出力間電圧降下 : V DROP=30mV at IOUT=2mA Active High On/off Control 出力 on/offコントロール: High-On APPLICATIONS Battery Powered Systems バッテリー駆動機器 PACKAGE OUTLINE ORDERING INFORMATION Part name Package Marking Pin configuration Ordering information TK70203CS2G0 SOT23-5 L04 See next page 7 T K 0 0 2 3 C S 2 Package code Storage direction Temperature range S2: SOT23 L: Left type C: T A=25°C, I: Full C G 0 L - Environment code G0: Lead free ABSOLUTE MAXIMUM RATINGS Parameter 項目 Symbol 記号 Rating 定格 Unit 単位 Remarks 備考 Operating Voltage Range 動作電圧範囲 V OP 0.9 to 5.0 V Operating Temperature Range 動作温度範囲 T OP -10 to +60 °C Power Dissipation 許容消費電力 P D 350 mW Board mount 基板実装時 ELECTRICAL CHARCTERISTICS V IN=1.4V, TA=TJ=25°C Value Parameter 項目 Symbol 記号 MIN TYP MAX Units 単位 Conditions 条件 Dropout Voltage 入出力間電圧降下 V DROP 30 60 mV I OUT=2mA Output Current 出力電流 I OUT 8 16 mA When V OUT= VOUT.TYP-0.2V Quiescent Current 電源電流 I Q 180 280 µA I OUT=0mA Standby Current スタンバイ電流 I STB 813 µAV IN=1.4V, VOUT: off, R=820kΩ Control Current コントロール電流 I CONT 2 µA R=820k Ω series connected V CC-0.2 V CC V OUT on state Control Voltage コントロール電圧 V CONT 0V CC-0.8 V V OUT off state |
Similar Part No. - TK70203CS2G0 |
|
Similar Description - TK70203CS2G0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |