Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIM1011-2L Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TIM1011-2L
Description  MICROWAVE POWER GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TIM1011-2L Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TIM1011-2L Datasheet HTML 1Page - Toshiba Semiconductor TIM1011-2L Datasheet HTML 2Page - Toshiba Semiconductor TIM1011-2L Datasheet HTML 3Page - Toshiba Semiconductor TIM1011-2L Datasheet HTML 4Page - Toshiba Semiconductor TIM1011-2L Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TIM1011-2L
ABSOLUTE MAXIMUM RATINGS ( Ta= 25
ABSOLUTE MAXIMUM RATINGS ( Ta= 25
ABSOLUTE MAXIMUM RATINGS ( Ta= 25
ABSOLUTE MAXIMUM RATINGS ( Ta= 25°°°°C )
C )
C )
C )
CHARACTERISTICS
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDS
15
V
Gate-Source Voltage
VGS
-5
V
Drain Current
IDS
2.6
A
Total Power Dissipation (Tc= 25
°C)
PT
15
W
Channel Temperature
Tch
175
°C
Storage
Tstg
-65
∼ +175
°C
PACKAGE OUTLINE (2-9D1B)
PACKAGE OUTLINE (2-9D1B)
PACKAGE OUTLINE (2-9D1B)
PACKAGE OUTLINE (2-9D1B)
HANDLING PRECAUTIONS FOR PACKAGED TYPE
HANDLING PRECAUTIONS FOR PACKAGED TYPE
HANDLING PRECAUTIONS FOR PACKAGED TYPE
HANDLING PRECAUTIONS FOR PACKAGED TYPE
Soldering iron should be grounded and the operating time should not exceed 10 seconds
Soldering iron should be grounded and the operating time should not exceed 10 seconds
Soldering iron should be grounded and the operating time should not exceed 10 seconds
Soldering iron should be grounded and the operating time should not exceed 10 seconds
at 260
at 260
at 260
at 260
°°°°C.
C.
C.
C.
4-R2.4
0.5
±±±±0.15
13.0
±±±±0.3
17.0 MAX.
8.5 MAX.
Gate
Source
Drain
Unit : mm


Similar Part No. - TIM1011-2L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM1011-10L TOSHIBA-TIM1011-10L Datasheet
180Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1011-15L TOSHIBA-TIM1011-15L Datasheet
482Kb / 4P
   P1dB=42.0dBm at 10.7GHz to 11.7GHz
TIM1011-4L TOSHIBA-TIM1011-4L Datasheet
194Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1011-4UL TOSHIBA-TIM1011-4UL Datasheet
281Kb / 2P
   MICROWAVE POWER GaAs FET
2017
TIM1011-5L TOSHIBA-TIM1011-5L Datasheet
137Kb / 5P
   MICROWAVE POWER GaAs FET
More results

Similar Description - TIM1011-2L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com