Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4036 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4036
Description  19 - 38GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4036 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4036 Datasheet HTML 1Page - TriQuint Semiconductor TGA4036 Datasheet HTML 2Page - TriQuint Semiconductor TGA4036 Datasheet HTML 3Page - TriQuint Semiconductor TGA4036 Datasheet HTML 4Page - TriQuint Semiconductor TGA4036 Datasheet HTML 5Page - TriQuint Semiconductor TGA4036 Datasheet HTML 6Page - TriQuint Semiconductor TGA4036 Datasheet HTML 7Page - TriQuint Semiconductor TGA4036 Datasheet HTML 8Page - TriQuint Semiconductor TGA4036 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
December 9, 2004
2
TABLE I
MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
Vd
Drain Voltage
7 V
2/
Vg
Gate Voltage Range
-1 TO +0.5 V
Id
Drain Current
400 mA
2/ 3/
Ig
Gate Current
7 mA
3/
PIN
Input Continuous Wave Power
20 dBm
PD
Power Dissipation
1.54 W
2/ 4/
TCH
Operating Channel Temperature
150
0C5/ 6/
TM
Mounting Temperature (30 Seconds)
320
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings represent the maximum operable values for this device.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed PD.
3/
Total current for the entire MMIC.
4/
When operated at this bias condition with a base plate temperature of 70
0C, the median life is
1.0E+6 hrs.
5/
Junction operating temperature will directly affect the device median time to failure (MTTF). For
maximum life, it is recommended that junction temperatures be maintained at the lowest possible
levels.
6/
These ratings apply to each individual FET.
TGA4036
Q1A and Q1B are 150um Input FETs
TABLE II
DC PROBE TEST
(TA = 25
qC r 5 qC)
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
Idss (Q1A)
Saturated Drain Current
15
94
mA
Gm (Q1A)
Transconductance
33
106
mS
Vp (Q1)
Pinch-off Voltage
-1.5
-0.5
V
BVGS (Q1A)
Breakdown Voltage Gate-Source
-30
-8
V
BVGD (Q1A,Q1B)
Breakdown Voltage Gate-Drain
-30
-10
V


Similar Part No. - TGA4036

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036_15 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
More results

Similar Description - TGA4036

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA444 FILTRONIC-LMA444 Datasheet
122Kb / 2P
   38GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA1073G TRIQUINT-TGA1073G Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
TGA4036 TRIQUINT-TGA4036_15 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com