Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T436416A-7SG Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T436416A-7SG
Description  4M X 16 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436416A-7SG Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T436416A-7SG Datasheet HTML 1Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 2Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 3Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 4Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 5Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 6Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 7Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 8Page - Taiwan Memory Technology T436416A-7SG Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TE
CH
tm
T436416A
TM Technology Inc. reserves the right
P. 1
Publication Date: MAY. 2003
to change products or specifications without notice.
Revision: B
SDRAM
4M x 16 SDRAM
1M x 16bit x 4Banks Synchronous DRAM
FEATURES
• 3.3V power supply
• Four banks operation
• LVTTL compatible with multiplexed address
• All inputs are sampled at the positive going
edge of system clock
• Burst Read Single-bit Write operation
• DQM for masking
• Auto refresh and self refresh
• 64ms refresh period (4K cycle)
• MRS cycle with address key programs
- CAS Latency ( 2 & 3 )
- Burst Length ( 1 , 2 , 4 , 8 & full page)
- Burst Type (Sequential & Interleave)
• Available package type in 54 pin TSOP(II)
• Operating temperature : 0 ~ +70 °C
ORDERING INFORMATION
GRNERAL DESCRIPTION
The T436416A is 67,108,864 bits synchronous
high data rate Dynamic RAM organized as
4 x 1,048,576 words by 16 bits , fabricated with
high performance CMOS technology .
Synchronous design allows precise cycle control
with the use of system clock I/O transactions are
possible on every clockcycle . Range of operating
frequencies , programmable burst length and
programmable latencies allow the same device to
be useful for a variety of high bandwidth , high
performance memory system applications.
PIN ARRANGEMENT (Top View)
DQ1
V DD
46
45
44
43
41
42
40
36
35
34
33
32
31
30
29
1
2
3
4
6
5
7
8
9
11
15
16
17
18
19
20
V DD Q
DQ1 1
DQ1 0
A8
A7
A9
10
21
22
47
48
49
50
V SSQ
DQ2
A0
A1
DQ1 5
DQ1 4
Vs s
23
24
25
28
27
26
DQ3
DQ0
V DD Q
DQ4
DQ5
V SSQ
DQ6
RA S
CS
BA 1
A 10/ A P
A2
A3
V DD
V SSQ
DQ1 3
DQ1 2
DQ9
UDQM
N. C
CL K
CK E
Vs s
A6
A5
A4
12
13
14
39
38
37
DQ7
V DD
L DQM
DQ8
Vs s
N. C / R F U
W E
CA S
54P I N T S O P ( I I )
( 400m i l x 875m i l )
( 0 . 8 m m PI N PI T C H )
51
52
53
54
V DD Q
BA 0
V DD Q
V SSQ
A1 1
PART NO.
MAX
FREQUENCY
PACKAGE
T436416A-6S
166 MHz
54 pin TSOP(II)
T436416A-7S
143 MHz
54 pin TSOP(II)
T436416A-7.5S
133 MHz
54 pin TSOP(II)
T436416A-8S
125 MHz
54 pin TSOP(II)
T436416A-10S
100 MHz
54 pin TSOP(II)
T436416A-6SG
166 MHz
54 pin TSOP(II)
lead-free
T436416A-7SG
143 MHz
54 pin TSOP(II)
lead-free
T436416A-7.5SG
133 MHz
54 pin TSOP(II)
lead-free
T436416A-8SG
125 MHz
54 pin TSOP(II)
lead-free
T436416A-10SG
100 MHz
54 pin TSOP(II)
lead-free


Similar Part No. - T436416A-7SG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-6S TMT-T436416C-6S Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-6SG TMT-T436416C-6SG Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-7S TMT-T436416C-7S Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-7SG TMT-T436416C-7SG Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
More results

Similar Description - T436416A-7SG

ManufacturerPart #DatasheetDescription
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com