Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T436416A-6SG Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T436416A-6SG
Description  4M X 16 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436416A-6SG Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T436416A-6SG Datasheet HTML 1Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 2Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 3Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 4Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 5Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 6Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 7Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 8Page - Taiwan Memory Technology T436416A-6SG Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TE
CH
tm
T436416A
TM Technology Inc. reserves the right
P. 4
Publication Date: MAY. 2003
to change products or specifications without notice.
Revision: B
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on Any Pin Relative To Vss
VIN,VOUT
-1.0 to 4.6
V
Supply Voltage Relative To Vss
VDD,VDDQ
-1.0 to 4.6
V
Short circuit Output Current
Iout
50
mA
Power Dissipation
PD
1
W
Operating Temperature
TOPR
0 to +70
°C
Storage Temperature
Tstg
-55 to +125
°C
Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0 to +70
°°°°C, Voltage referenced to VSS=0V)
Parameter
Symbol
Min.
Typ
Max.
Unit
Notes
Supply Voltage
VDD,VDDQ
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VDD+0.3V
V
1
Input Low Voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH=-2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL=2mA
Input leakage current
IIL
-5
-
5
uA
3
Output leakage current
IOL
-5
-
5
uA
4
Note : 1. VIH (max) = 4.6V AC for pulse width
10ns acceptable.
2. VIL (min) = -1.0V AC for pulse width
10ns acceptable.
3. Any input 0V
VIN VDD+ 0.3V , all other pin are not under test = 0V.
4. Dout = disable, 0V
VOUT VDD .
CAPACITANCE
(TA =25
°C,VDD=3.3V, f = 1MHz)
Pin
Symbol
Min
Max
Unit
CLOCK
CCLK
2.5
4.0
pF
ADDRESS
CADD
2.5
5.0
pF
DQ0 ~ DQ15
COUT
4.0
6.5
pF
RAS,CAS,WE,CS,CKE,LDQM,
UDQM
CIN
2.5
5.0
pF


Similar Part No. - T436416A-6SG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-6S TMT-T436416C-6S Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-6SG TMT-T436416C-6SG Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-7S TMT-T436416C-7S Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-7SG TMT-T436416C-7SG Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
More results

Similar Description - T436416A-6SG

ManufacturerPart #DatasheetDescription
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com