Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP75N06-08 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # SUP75N06-08
Description  N-Channel Enhancement-Mode Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SUP75N06-08 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  SUP75N06-08 Datasheet HTML 1Page - TEMIC Semiconductors SUP75N06-08 Datasheet HTML 2Page - TEMIC Semiconductors SUP75N06-08 Datasheet HTML 3Page - TEMIC Semiconductors SUP75N06-08 Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUP/SUB75N06-08
4
Siliconix
S-47969—Rev. D, 08-Jul-96
Typical Characteristics (25
_C Unless Otherwise Noted)
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ – Junction Temperature (_C)
VSD – Source-to-Drain Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
125
150
175
100
10
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 30 A
TJ = 25_C
TJ = 150_C
Thermal Ratings
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–5
10–4
10–3
10–2
10–1
1
3
Safe Operating Area
Maximum Avalanche and Drain Current
vs. Case Temperature
TC – Case Temperature (_C)
VDS – Drain-to-Source Voltage (V)
100
500
10
1
0
20
40
60
80
100
0
25
50
75
100
125
150
175
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
10 ms
100 ms
1 ms
10 ms
100 ms
dc
TC = 25_C
Single Pulse
Limited
by rDS(on)
0.1
1
10
100


Similar Part No. - SUP75N06-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
logo
VBsemi Electronics Co.,...
SUP75N06-08 VBSEMI-SUP75N06-08 Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - SUP75N06-08

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
SMU15N05 TEMIC-SMU15N05 Datasheet
350Kb / 4P
   N-Channel Enhancement-Mode Transistors
logo
List of Unclassifed Man...
2N7012 ETC1-2N7012 Datasheet
368Kb / 4P
   N - CHANNEL ENHANCEMENT MODE TRANSISTORS
VN0300 ETC1-VN0300 Datasheet
197Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN10 TEMIC-VN10 Datasheet
112Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
Calogic, LLC
VN0610LL CALOGIC-VN0610LL Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
VN2222 CALOGIC-VN2222 Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN0610L TEMIC-VN0610L Datasheet
202Kb / 4P
   N-Channel Enhancement-Mode MOS Transistors
logo
New Jersey Semi-Conduct...
VN0610LL NJSEMI-VN0610LL Datasheet
133Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN2010L TEMIC-VN2010L Datasheet
109Kb / 4P
   N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VN10LE VISHAY-VN10LE Datasheet
72Kb / 5P
   N-Channel Enhancement-Mode MOSFET Transistors
Rev. E, 28-Apr-97
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com