Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87724L Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY87724L
Description  3.3V AnyRate MUX/DEMUX Up to 2.7GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87724L Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY87724L Datasheet HTML 5Page - Micrel Semiconductor SY87724L Datasheet HTML 6Page - Micrel Semiconductor SY87724L Datasheet HTML 7Page - Micrel Semiconductor SY87724L Datasheet HTML 8Page - Micrel Semiconductor SY87724L Datasheet HTML 9Page - Micrel Semiconductor SY87724L Datasheet HTML 10Page - Micrel Semiconductor SY87724L Datasheet HTML 11Page - Micrel Semiconductor SY87724L Datasheet HTML 12Page - Micrel Semiconductor SY87724L Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SY87724L
FINAL
10
Micrel
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
f
MAX
Maximum Operating Frequency
2.7
——
GHz
t
DCKPWH,
Demux Clock Pulse Duty Cycle
45
55
%
t
DCKPWH
t
DSDS
Demux Serial Data Setup
200
——
ps
t
DSDH
Demux Serial Data Hold
0
——
ps
t
DSFS
Demux Serial Frame Setup
150
——
ps
t
DSFH
Demux Serial Frame Hold
50
——
ps
t
DPDP
Demux Parallel
+200
+800
ps
Differential Propagation
t
DPSP
Demux Parallel
+200
+1200
ps
Single-Ended Propagation
t
MCKPWH,
Mux Clock Pulse Duty Cycle
45
55
%
t
MCKPWL
t
MPDS
Mux Parallel Differential Setup(2)
T
cyc+650
——
ps
t
MPDH
Mux Parallel Differential Hold(2)
–(T
cyc+250)
——
ps
t
MPSS
Mux Parallel Single-Ended Setup(2)
T
cyc+850
——
ps
t
MPSH
Mux Parallel Single-Ended Hold(2)
–(T
cyc+50)
——
ps
t
r, tf
Output Rise/Fall Times
50
Ω to V
CC – 2V
MCKOUT, MSOUT, MSYNOUT
100
120
ps
(20% to 80%)
All Others
——
500
V
CC = VCCA = 3.15V to 3.45V
AC ELECTRICAL CHARACTERISTICS
NOTES:
1. Operating temperature range from –40
°C to +85°C.
2. T
cyc = the period of the clock being fed into MTXCLK.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY87724LH1
H80-1
Industrial


Similar Part No. - SY87724L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
SY87724LEHI MICREL-SY87724LEHI Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
SY87724LEHY MICREL-SY87724LEHY Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
SY87724LHEI MICREL-SY87724LHEI Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
More results

Similar Description - SY87724L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com