Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF512-20-4C-QAE Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST25VF512-20-4C-QAE
Description  512 Kbit SPI Serial Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF512-20-4C-QAE Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25VF512-20-4C-QAE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF512-20-4C-QAE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
512 Kbit SPI Serial Flash
SST25VF512
5
©2005 Silicon Storage Technology, Inc.
S71192-08-000
11/05
Hold Operation
HOLD# pin is used to pause a serial sequence underway
with the SPI flash memory without resetting the clocking
sequence. To activate the HOLD# mode, CE# must be in
active low state. The HOLD# mode begins when the SCK
active low state coincides with the falling edge of the
HOLD# signal. The HOLD mode ends when the HOLD#
signal’s rising edge coincides with the SCK active low state.
If the falling edge of the HOLD# signal does not coincide
with the SCK active low state, then the device enters Hold
mode when the SCK next reaches the active low state.
Similarly, if the rising edge of the HOLD# signal does not
coincide with the SCK active low state, then the device
exits in Hold mode when the SCK next reaches the active
low state. See Figure 3 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, it resets
the internal logic of the device. As long as HOLD# signal is
low, the memory remains in the Hold condition. To resume
communication with the device, HOLD# must be driven
active high, and CE# must be driven active low. See Figure
17 for Hold timing.
FIGURE 3: HOLD CONDITION WAVEFORM
Write Protection
The SST25VF512 provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-down
function of the status register. The Block-Protection bits
(BP1, BP0, and BPL) in the status register provide Write
protection to the memory array and the status register. See
Table 4 for Block-Protection description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down func-
tion of the BPL bit (bit 7) in the status register. When WP#
is driven low, the execution of the Write-Status-Register
(WRSR) instruction is determined by the value of the BPL
bit (see Table 3). When WP# is high, the lock-down func-
tion of the BPL bit is disabled.
Active
Hold
Active
Hold
Active
1192 F44.0
SCK
HOLD#
TABLE
3: CONDITIONS TO EXECUTE WRITE-STATUS-
REGISTER (WRSR) INSTRUCTION
WP#
BPL
Execute WRSR Instruction
L
1
Not Allowed
L0
Allowed
HX
Allowed
T3.0 1192


Similar Part No. - SST25VF512-20-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
More results

Similar Description - SST25VF512-20-4C-QAE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com