Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP5PC-266 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMP5PC-266
Description  smartModule
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP5PC-266 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMP5PC-266 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP5PC-266 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17
DIGITAL-LOGIC Solution Guide 2005
smartModule
Overview
Type
smartModule520PC
smartModuleP5PC
smartModuleP3PC
CPU
ELAN520
Intel® Pentium® MMX
Intel® Pentium® III / Celeron®
BUS System
smartBus480
smartBus480
smartBus480
Expansion Interface
ISA, PCI, MEMORY
ISA, PCI, MEMORY
ISA, PCI, MEMORY
2nd Level Cache
-
-
256kB
Clock (MHz)
133
166/266
300, 400, 700
DRAM (MB)
SODIMM 16-128
SODIMM 32-256
SODIMM 32-256
Flashdisk (MB) optional
2 - 8
-
-
CompactFlash
--
-
PCCard Interface
--
-
Mouse, Keyboard


Keymatrix
--
-
Floppy Interface


IDE Interface
 PCI
 PCI
 PCI
COM1
TTL
TTL
TTL
COM2
TTL
TTL
TTL
COM3
--
-
COM4
--
-
LPT1


IrDA
external
external
external
USB
22
2
LAN
optional (PCX)
-
-
Video Controller
ATI M1
SXGA 69000
ATI M1
Video Datapath
PCI
PCI
PCI
Video Memory
8 MB
2 MB
8 MB
LCD Interface
24 Bit TFT 3V
36 Bit TFT 3V
24 Bit TFT 3V
LCD Resolution
1280 x 1024 x 256
1280 x 1024 x 256
1280 x 1024 x 256
Audio
--
-
EEPROM Support


Watchdog


Power Normal
5V/1,5A (typ.)
5V/1,8A (typ.@266MHz)
5V/2,5A (typ.@400MHz)
Power Suspend
no APM
5V/0,4A (typ.)
5V/0,5A (typ.)
Cooling Type
passive
passive
active
Operating Temp.
-25°C to +60°C
-25°C to +60°C
-25°C to +50°C
Extended Temp.
-40°C to +85°C
-40°C to +85°C
-40°C to +70°C
Size (mm)
66 x 85 x 14
66 x 85 x 14
66 x 85 x 14
Weight (gr)
90
90
90
MTBF
> 200’000h
> 200’000h
> 200’000h
Embedded DOS
--
-
Operating Systems
WIN-CE, WIN98, NT4,
WIN-CE, WIN98, NT4, WIN2000,
WIN-CE, WIN98, NT4, WIN2000,
LINUX, QNX, RTXDOS
LINUX, QNX, RTXDOS
LINUX, QNX, RTXDOS
Status
for new designs
limited availability
for new designs / in development
Ordering Guide
smartModule520PC
smartModuleP5PC-166
smartModuleP3PC-300C
smartModuleP5PC-266
smartModuleP3PC-400/-400C
smartModuleP3PC-700
Development-Kit
SMxxPC-DK
SMxxPC-DK
SMxxPC-DK
Änderungen vorbehalten / Subject to change!
-> see also page 20
-> see also page 21
-> see also page 22


Similar Part No. - SMP5PC-266

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP5.0A VISHAY-SMP5.0A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 19-Apr-11
SMP5.0A VISHAY-SMP5.0A Datasheet
99Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
STMicroelectronics
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP50-100 STMICROELECTRONICS-SMP50-100 Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com