Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMHF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMHF
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMHF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMHF Datasheet HTML 1Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 2Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 3Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 4Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 5Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 6Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 7Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 8Page - List of Unclassifed Manufacturers SMHF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
PIN OUT
SMHF
28 05 S F / K
R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Radiation Level
Case Option
(Non-flanged case has no designator
in this position)
MODEL NUMBERING KEY
Pin
Single Output
Dual Output
1
Inhibit
Inhibit
2
No connection
Positive Output
3
Output Common
Output Common
4
Positive Output
Negative Output
51
Sync
Sync
6
Case Ground
Case Ground
7
Input Common
Input Common
8
Positive Input
Positive Input
1. If Sync is not used, pin 5 should be connected to input common.
FIGURE 2: PIN OUT
BOTTOM VIEW
SMHF SINGLE AND DUAL
NON-FLANGED OR FLANGED
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
1
2345
87
6
See Figures 21 through 24 for dimensions.
SMD NUMBERS
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9213902HXC
IN PROCESS
5962-9160102HXC
5962-9555902HXC
5962-9214402HXC
5962-9161402HXC
SMHF
SIMILAR PART
SMHF2805S/HO
SMHF2812S/HO
SMHF2815S/HO
SMHF2805D/HO
SMHF2812D/HO
SMHF2815D/HP
To indicate the flanged case option change the “X” to “Z” In the
SMD number. The SMD number shown is for Class H
screening, non-flanged, and no Radiation Hardness Assurance
(RHA) level. See the SMD for the numbers for other screening
and radiation levels. For exact specifications for an SMD
product, refer to the SMD drawing. Call your Interpoint repre-
sentative for status on the SMHF SMD releases which are “in
process.” SMDs can be downloaded from
http://www.dscc.dla.mil/programs/smcr
37


Similar Part No. - SMHF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF2805D INTERPOINT-SMHF2805D Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805D INTERPOINT-SMHF2805D Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
SMHF2805D/HO INTERPOINT-SMHF2805D/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805D/KR INTERPOINT-SMHF2805D/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF2805DE/HO INTERPOINT-SMHF2805DE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMHF

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com