Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLGSSTU32864EX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SLGSSTU32864EX
Description  DDR2 Configurable Registered Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLGSSTU32864EX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SLGSSTU32864EX Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 9Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 10Page - List of Unclassifed Manufacturers SLGSSTU32864EX Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTU32864E
8
PRELIMINARY
Data is subject to change.
Mar 5, 2004
AC Specifications
Switching Characteristics:
(over recommended operating free-air temperature range, unless otherwise noted)
Notes: 6. Includes 350pS trace delay of the test load
7. Guaranteed by design and may not be 100% production tested.
Output Buffer Characteristics:
(over recommended operating free-air temperature range, unless otherwise noted)
Notes: 8. Difference between rising and falling edge rates.
SYMBOL
From
(Input)
To
(Output)
VDD = 1.8V + 0.1V
UNITS
MIN
TYP
MAX
fMAX
300
MHz
tPDM6,7
CLK, CLK
Q
1.41
2.5
ns
tRPHL
RESET
Q
3
ns
SYMBOL
From
To
VDD = 1.8V + 0.1V
UNITS
MIN
TYP
MAX
dV/dt_r
20%
80%
1
4
V/ns
dV/dt_f
80%
20%
1
4
V/ns
dV/dt_
8
1
V/ns
10pF
VDD
Output load test circuit:
high to low slew rate
50
.
.
test point
DUT
Q
50
10pF
Output load test circuit:
low to high slew rate
.
.
test point
DUT
Q
Voltage waveform: high to low slew rate
20%
80%
VOH
VOL
Output
dt_f
dv_f
Voltage waveform: low to high slew rate
20%
80%
VOH
VOL
Output
dt_r
dv_r


Similar Part No. - SLGSSTU32864EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLGSSTVF16859 ETC1-SLGSSTVF16859 Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859H ETC1-SLGSSTVF16859H Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859H-TR ETC1-SLGSSTVF16859H-TR Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859V ETC1-SLGSSTVF16859V Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859V-TR ETC1-SLGSSTVF16859V-TR Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
More results

Similar Description - SLGSSTU32864EX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
   28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
IDT74SSTUBF32869A IDT-IDT74SSTUBF32869A Datasheet
505Kb / 22P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
   25-Bit Configurable Registered Buffer for DDR2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com