Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG12864F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SG12864F
Description  LCD MODULE (128 DOTS X 64 DOTS )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG12864F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SG12864F Datasheet HTML 1Page - List of Unclassifed Manufacturers SG12864F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SG12864F ( 128 DOTS X 64 DOTS )
■ FEATURES
■ MECHANICAL DATA
◆ BUILT-IN CONTROLLER (T6963C OR EQUIVALENT)
ITEM
DIMENSIONS
UNIT
◆ +5 V POWER SUPPLY
Module Size (W x H x T)
87.0 x 70.0 x 8.8 ( 12.7 LED )
mm
◆ 1/64 DUTY CYCLE
Viewing Area ( W x H )
72.0 x 40.0
mm
◆ 8-BIT PARALLEL INTERFACE
Active Area ( W x H )
66.52 x 33.24
mm
◆ 4.2 V LED FORWARD VOLTAGE
Dot Size ( W x H )
0.48 x 0.48
mm
Dot Pitch ( W x H )
0.52 x 0.52
mm
■ INTERFACE PIN CONNECTIONS
■ ABSOLUTE MAXIMUM RATINGS
NO.
SYMBOL
LEVEL
FUNCTION
ITEM
SYMBOL
MIN.
TYP.
MAX.
UNIT
1VSS
0V
Power Supply Ground
Supply Voltage For Logic
VDD-VSS
0
-
7
V
2VDD
5V
Power Supply Voltage
Supply Voltage For LCD Drive
VDD-Vo
0
-
14
V
3VO
-
Contrast Adjustment Voltage
Input Voltage
VI
Vss
-
VDD
V
4
C/D
H/L
H : Data, L : Instruction Code
5
/RD
L
Write Signal
■ ELECTRICAL CHARACTERISTICS
6
/WR
L
Read Signal
ITEM
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
7~14
DB0~DB7
H/L
Data Bus Line
Supply Voltage For Logic
VDD-VSS
-
4.5
5
5.5
V
15
/CE
L
Enable Signal
Supply Voltage For LCD
VDD-Vo
VDD=5V Ta=25℃
7.6
8.3
9.2
V
16
/RST
L
Reset Signal
Supply Current
IDD
VDD=5V
-
4.5
10
mA
17
Vout
-
Power Supply Voltage For LCD
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
18
MD
H/L
H : 32/ L : 40 Select Of Columns
Voltage
"LOW" Level
VIL
-
-
-
0.6
V
19
FS
H/L
H : 6*8 , L : 8*8 Select Of Columns
Output
"HIGH" Level
VOH
-
2.4
-
-
V
20
/HLT
L
Stop The Oscillatuion Of Clock
Voltage
"LOW" Level
VOL
-
-
-
0.4
V
■ EXTERNAL DIMENSIONS


Similar Part No. - SG12864F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG12864A ETC-SG12864A Datasheet
148Kb / 2P
   LCD MODULES SG12864A ( 128 DOTS X 64 DOTS )
SG12864C ETC-SG12864C Datasheet
124Kb / 2P
   LCD MODULE (128 DOTS X 64 DOTS )
SG12864H ETC-SG12864H Datasheet
139Kb / 1P
   128 DOTS X 64 DOTS
SG12864I ETC2-SG12864I Datasheet
49Kb / 2P
   128 DOTS X 64 DOTS
SG12864J ETC2-SG12864J Datasheet
43Kb / 2P
   ( 128 DOTS X 64 DOTS )
More results

Similar Description - SG12864F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG12864C ETC-SG12864C Datasheet
124Kb / 2P
   LCD MODULE (128 DOTS X 64 DOTS )
logo
Powertip Technology
PG12864LRS-JNN-B POWERTIP-PG12864LRS-JNN-B Datasheet
189Kb / 14P
   LCD Module(128 dots X 64 dots, STN LCD, LED Backlight)
logo
List of Unclassifed Man...
WG12864C ETC-WG12864C Datasheet
292Kb / 1P
   LCD MODULE GRAPHIC 128 X 64 DOTS
SG12864J ETC2-SG12864J Datasheet
43Kb / 2P
   ( 128 DOTS X 64 DOTS )
SG12864I ETC2-SG12864I Datasheet
49Kb / 2P
   128 DOTS X 64 DOTS
SG12864H ETC-SG12864H Datasheet
139Kb / 1P
   128 DOTS X 64 DOTS
SG12864A ETC-SG12864A Datasheet
148Kb / 2P
   LCD MODULES SG12864A ( 128 DOTS X 64 DOTS )
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com