Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP60N03L Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SDP60N03L
Description  N-Channel Logic Level E nhancement Mode Field E ffect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDP60N03L Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SDP60N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 5Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
5
INVE R TE D
2
1
0.1
0.01
0.01
0.1
1
10
100
1000
10000
PDM
t1
t2
S quare Wave P ulse Duration (msec)
F igure 13. Normalized T hermal T ransient Impedance C urve
1. R θJC (t)=r (t) * R θJC
2. R θJC=S ee Datasheet
3. T JM-T C = P * R θJC (t)
4. Duty C ycle, D=t1/t2
D=0.5
0.2
0.1
0.05
0.02
0.01
S ingle P ulse
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
S DP /B 60N03L


Similar Part No. - SDP60N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDP600 ETC2-SDP600 Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP600-125Pa ETC2-SDP600-125Pa Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP600-25Pa ETC2-SDP600-25Pa Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP600-500Pa ETC2-SDP600-500Pa Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP601 ETC2-SDP601 Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
More results

Similar Description - SDP60N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDPB55N03L ETC1-SDPB55N03L Datasheet
319Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDB65N03 SAMHOP-SDB65N03 Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDP55N03L SAMHOP-SDP55N03L Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
55N03L ETC1-55N03L Datasheet
415Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDP55N02 SAMHOP-SDP55N02 Datasheet
479Kb / 6P
   N-Channel E nhancement Mode Field E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU426S SAMHOP-STU426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com