Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82K-09024 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S82K-09024
Description  Switch mode Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K-09024 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S82K-09024 Datasheet HTML 1Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 2Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 3Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 4Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 5Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 6Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K-09024 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Switch mode Power Supply
S82K
L-7
Specifications
I Ratings/Characteristics
3- to 240-W models without PFC
Note: 1. Use with DC voltage input is beyond the conditions of approval or conformance to applicable safety standards.
2. Use the 7.5-W single-output models under the load of 90% max. if the voltage range is between 90 and 110 VDC.
3. Defined with a 100% load and the rated input voltage (100 or 200 VAC).
Item
Single output
Dual
outputs
Single output
3 W
7.5 W
7.5 W
15 W
30 W
50 W
90 W
100 W
240 W
Efficiency (typical)
60% to 80% (Varies depending on specifications.)
Input
Voltage
(see note 1)
AC
100 to 240 V (85 to 264 V)
100 V (85 to 132 V)/
200 V (170 to 264 V)
Selectable
100 V (85 to
132 V)/
200 V (170 to
253 V)
Selectable
DC
90 to 350 V (see note 2)
Not possible
Frequency
50/60 Hz (47 to 450 Hz)
Current
(see note 3)
100-V
input
0.15 A
max.
0.25 A max.
0.45 A
max.
0.9 A
max.
1.3 A
max.
2.5 A max.
5.5 A max.
200-V
input
0.25 A
max.
0.6 A
max.
0.8 A
max.
1.5 A max.
3.5 A max.
Power factor
---
Leakage cur-
rent
(see note 3)
100-V
input
0.5 mA max.
200-V
input
1 mA max.
Inrush cur-
rent
(see note 3)
100-V
input
15 A max.
25 A max.
200-V
input
30 A max.
50 A max.
Noise filter
Yes


Similar Part No. - S82K-09024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82K00315 OMRON-S82K00315 Datasheet
409Kb / 24P
   DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
More results

Similar Description - S82K-09024

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com