Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82K-P09024 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S82K-P09024
Description  Switch mode Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K-P09024 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button S82K-P09024 Datasheet HTML 3Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 4Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 5Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 6Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 9Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 10Page - List of Unclassifed Manufacturers S82K-P09024 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Switch mode Power Supply
S82K
L-11
90-/100-/240W models with PFC (S82K-P
@@@24 models)
Note: 1. Defined with a 100% load and the rated input voltage (100 or 200 VAC)
2. Do not press down on the terminal block with a force exceeding 75 N while tightening the terminals.
3. To ensure the Emission Enclosure ratings, a noise filter should be used on the output lines at the closest point. (90- and 100-W models:
S82Y-JF6-N)
4. To ensure the Emission Enclosure rating, a ferrite ring core should be used on all cables.
5. To meet Class-2 requirements with the 100-W model, either a fuse or circuit breaker that is UL listed or CSA certified, and rated at 4.2 A
max. should be wired in series with the load to be connected to the power supply. Only then can the power supply output be considered
as meeting Class 2.
Item
Single output
90 W
100 W
240 W
Other
Ambient temperature
Operating: See the derating curve in the Engineering Data section (No condensation or icing)
Storage:
−25°C to 65°C (no condensation or icing)
Ambient humidity
Operating: 25% to 85%
Storage:
25% to 90%
Dielectric strength
3,000 VAC at 50/60 Hz for 1 min. (between all inputs and outputs)
2,000 VAC at 50/60 Hz for 1 min. (between all inputs and GR terminal)
1,000 VAC at 50/60 Hz for 1 min. (between all outputs and GR terminal)
Alarm current: 20 mA (90- and 100-W models) 25 mA (240-W models)
Insulation resistance
100 M
Ω min. at 500 VDC (between all outputs and all inputs/GR terminal)
Vibration resistance
Malfunction: 10 to 55 Hz, 0.375-mm single amplitude for 2
hrs each in X, Y, and Z directions
Malfunction: 10 to 55 Hz, 0.15-mm single
amplitude for 2 hrs each in
X, Y, and Z directions
Shock resistance
Malfunction: 150 m/s2, 3 times each in
±X, ±Y, and ±Z direc-
tions
Malfunction: 300 m/s2, 3 times each in
±X, ±Y, and ±Z directions
Screw tightening torque 0.74 N • m max. (see note 2)
Output indicator
Yes (Green)
Electromagnetic inter-
ference
(see note 1)
Conforms to FCC class A
EMC (see note 3, 4)
90-, 100-W Models
(EMI):
EN50081-1
Harmonic Current:
EN61000-3-2 (200 VAC input only)
Emission Enclosure:
EN55022 class B
Emission AC Mains:
EN55022 class B
Emission Output Ports: EN55022 class A (with a recommended optional filter) (see note 3)
240-W Model
(EMI):
EN50081-2
Harmonic Current:
EN61000-3-2
Emission Enclosure:
EN55011 class A (see note 4)
Emission AC Mains:
EN55011 class A
Common to All Models
(EMS):
EN50082-2
Immunity ESD:
EN61000-4-2: 4-kV contact discharge (level 2)
8-kV air discharge (level 3)
Immunity Burst:
EN61000-4-4: 2-kV power-line (level 3)
2-kV output line (level 4)
Immunity Surge:
EN61000-4-5: between 2-kV lines (except for 240-W models)
between 4-kV line and FG (except for 240-W models)
Approved standards
Class 2 (UL1310)/Class 2 (CSA C22.2 No. 950) (see note 5)
UL508 (Listing)/1950
CSA C22.2 No. 14/No. 950, EN50178 (VDE0160), EN60950
Conforms to VDE0106/P100
UL508 (Listing)/1012
CSA C22.2 No. 14/E.B. 1402C, EN50178
(VDE0160), EN60950, Conforms to
VDE0106/P100
Weight
1,000 g max.
2,200 g max.


Similar Part No. - S82K-P09024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82K00315 OMRON-S82K00315 Datasheet
409Kb / 24P
   DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
More results

Similar Description - S82K-P09024

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com