Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA25C020LN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SA25C020LN
Description  2Mb EEPROM with 25MHz SPI Bus Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SA25C020LN Datasheet HTML 2Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LN Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
6
Connection Diagrams
SA25C020
1
2
3
4
8
7
6
5
CSb
SO
WPb
GND
VCC
HOLDb
SCK
SI
Figure 2. SOIC 8 (150 mil)/PDIP/MLF Package (Top View)
Table 1. Pin Names
Pin Name
Signal Name
CSb
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WPb
Write Protect
HOLDb
Suspend Serial Input


Similar Part No. - SA25C020LN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
More results

Similar Description - SA25C020LN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
   2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com