Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP16A-01-AS6-VS-153 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RP16A-01-AS6-VS-153
Description  Pilot-to-Open Check Valve Size 16 Cartridge - 6000 PSI (420 bar)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RP16A-01-AS6-VS-153 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RP16A-01-AS6-VS-153 Datasheet HTML 1Page - List of Unclassifed Manufacturers RP16A-01-AS6-VS-153 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
MODEL CODE
PERFORMANCE
RP16A-01-C-N-15 3
VALVE MODEL
BODY & PORTS*
C
=
No Line Body, Cartridge only
AS6
=
SAE-6 ports, aluminium body
SS6
=
SAE-6 ports, steel body
SEALS
N
=
Buna-N
NS
=
Buna-N with Piston Seal
V
=
Viton™
VS
=
Viton™ with Piston Seal
CRACKING PRESSURE
15 = 15 psi (1 bar)
PILOT RATIO
3=3:1
4=4:1
INCH (MILLIMETER)
* Dimensions determined by
manufacturing origin.
Technical Modifications Reserved
2* (51.1) THICK
3.54
(90)
4*
(101.9)
*Dimensions determined
by manufacturing origin.
1 1/2 HEX TORQUE 130-140 ft lbs
(SW38.1 176-190 Nm)
ø1.06 (ø27)
ø1.13 (ø28.6)
1 5/16-12 UN-2B
2
3
1
0
10
20
30
40
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
0
25
50
75
100
125
150
Flow
gpm
psi
bar
l/min
Measured at 158 SUS (34 cSt)
= 115
°F (46°C)
TOil
free
flow
pilot
open
0
10
20
30
40
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
0
25
50
75
100
125
150
Flow
gpm
psi
bar
l/min
Measured at 158 SUS (34 cSt)
= 115
°F (46°C)
TOil
free
flow
pilot
open
3:1 Pilot Ratio
4:1 Pilot Ratio
HYDAC Technology Corporation
445 Windy Point Drive Glendale Heights, IL 60139
Phone (630) 545-0800 Fax (630) 545-0033
www.hydacusa.com powerup@hydacusa.com
Code
Part No
Description
Pressure
FH163-AS16 3037210
Clear anodized aluminium
3500 psi
SAE-16 ports
(245 bar)
FH163-SS16 3036285
Zinc plated steel
6000 psi
SAE-16 ports
(420 bar)
*Standard Line Bodies:
*Please refer to data sheet HHD-BCT for further cavity and
body specifications. Alternate port sizes, types, body materials,
finishes, and custom designs available.


Similar Part No. - RP16A-01-AS6-VS-153

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP16AT ETC1-RP16AT Datasheet
104Kb / 2P
   16 AMPERE FAST RECOVERY RECTIFIER
More results

Similar Description - RP16A-01-AS6-VS-153

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8068747 FESTO-8068747 Datasheet
81Kb / 1P
   Check valve
8068751 FESTO-8068751 Datasheet
81Kb / 1P
   Check valve
8068726 FESTO-8068726 Datasheet
82Kb / 1P
   Check valve
8068735 FESTO-8068735 Datasheet
80Kb / 1P
   Check valve
8068752 FESTO-8068752 Datasheet
84Kb / 1P
   Check valve
8068736 FESTO-8068736 Datasheet
83Kb / 1P
   Check valve
8068750 FESTO-8068750 Datasheet
82Kb / 1P
   Check valve
8068748 FESTO-8068748 Datasheet
83Kb / 1P
   Check valve
8068749 FESTO-8068749 Datasheet
85Kb / 1P
   Check valve
8068725 FESTO-8068725 Datasheet
81Kb / 1P
   Check valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com