Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3504M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RS3504M
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS3504M Datasheet(HTML) 2 Page - Rectron Semiconductor

  RS3504M Datasheet HTML 1Page - Rectron Semiconductor RS3504M Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES (RS3501M THRU RS3507M)
POWER DISSIPATION
AVERAGE RECTIFIED FORWARD CURRENT, Io (A)
04
8
12
16
20
24
60
50
40
30
20
10
0
sine wave
Tj=150
TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TC = 150 (TYP)
TC = 25 (TYP)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
0.2
0.5
1
2
5
10
25
35
pulse test
per one diode
non-repetitive
Tj=25
1 cycle
8.3ms 8.3ms
0
SURGE FORWARD CURRENT CAPABILITY
NUMBER OF CYCLE
sine wave
400
350
300
250
1
2
5
10
20
50
100
TYPICAL FORWARD CURRENT
CONTACT THERMAL RESISTANCE fcf
MOUNTING TORQUE (Kg.cm)
with thermal compound
23
4
5
6
7
8
1
0.9
0.8
0.7
0.6
0.5
0.4
TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (
)
heatsink
Tc
Tc
sine wave
R-load
on heatsink
80
90
100
110
120 130 140
150 160
40
32
30
34
24
22
36
38
28
26
20
DERATING CURVE
AMBIENT TEMPERATURE, (
)
on glass-epoxi substrate
P.C.B
soldering land 5mmf
sine wave
R-load
free in air
0
40
80
120
160
0
1
2
3
4


Similar Part No. - RS3504M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS3504M ZSELEC-RS3504M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS3504M ZSELEC-RS3504M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS3504M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com