Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H3340M-E01 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA30H3340M-E01
Description  MITSUBISHI RF MOSFET MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H3340M-E01 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA30H3340M-E01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H3340M-E01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA30H3340M
RA30H3340M
MITSUBISHI ELECTRIC
2 Dec 2002
3/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
320 330 340 350 360 370 380 390 400 410
FREQUENCY f(MHz)
0
20
40
60
80
100
120
VDD=12.5V
VGG=5V
Pin=50mW
Pout
η
T
ρ
in
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=330MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER P in(dBm)
0
2
4
6
8
10
12
f=365MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
320 330 340 350 360 370 380 390 400 410
FREQUENCY f(MHz)
VDD=12.5V
VGG=5V
Pin=50mW
2
nd
3
rd
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
f=330MHz,
VGG=5V,
Pin=50mW
IDD
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=400MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
Pout
IDD
f=365MHz,
VGG=5V,
Pin=50mW
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)


Similar Part No. - RA30H3340M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
205Kb / 8P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
205Kb / 8P
   Broadband Frequency Range
More results

Similar Description - RA30H3340M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M MITSUBISHI-RA06H8285M Datasheet
61Kb / 8P
   MITSUBISHI RF MOSFET MODULE
RA07H0608M MITSUBISHI-RA07H0608M Datasheet
64Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07N4047M MITSUBISHI-RA07N4047M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M3340M MITSUBISHI-RA07M3340M Datasheet
67Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M2127M MITSUBISHI-RA07M2127M Datasheet
61Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M Datasheet
85Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RD60HUF1 MITSUBISHI-RD60HUF1 Datasheet
320Kb / 7P
   MITSUBISHI RF POWER MOS FET
logo
Renesas Technology Corp
FS10KM-12A RENESAS-FS10KM-12A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com