Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QX-1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QX-1
Description  QX PANDER PROCESSOR WITH VOLUME AND TONE CONTROL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QX-1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QX-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers QX-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ref: QX1.DOC
QX-1 Data Sheet -- Preliminary
Date: 09/23/99
Rev: 1.00
QSound Labs, Inc.
Page 4 of 10
QX-1
QXpander Processor with Volume and Tone control
Device Specifications - Preliminary Information
Function Description:
(1) Bass boost
(2) Treble boost
Fo
R R
R C C
Hz
=
+
1
2
1
2
3
1 2
π
(
)
(
)
Q
C
C
C C R
R
=
+
1
1
2
1 2 2
1
(C1=C2)
Gv
LOG
R
R
R
R
R
dB
=
+
+
+
20
2
3
1
2
3
1
2
(
)
R2, R3 (typical)
Bass boost
3dB
6dB
9dB
12dB
15dB
18dB
21dB
R2
15.4
25.7
32.9
38.7
41.6
44.2
46
Resistor
(k)
R3
30.6
20.3
13.1
7.3
4.4
1.8
0
Fc
R C
Hz
=
1
2
2 1
π
(
)
Gv
R
R
Zc
R
R
Zc
R
dB
=
+
+
+
20
1
2
3
2
3
log
{(
) / /
}
(
) / /
(
)
Zc
j C
=
1
1
ω
( )
R2 (typical)
Treble boost
3dB
6dB
9dB
R2 (k)
5.3
2.2
1.2
R1, R3 (typical)
Gain
14 dB
16 dB
18 dB
20dB
R1 (k)
10.88
13.65
17.21
21.6
R3 (k0
2.72
2.57
2.48
2.4


Similar Description - QX-1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
   Tone Control/Volume Control
M61503FP RENESAS-M61503FP Datasheet
157Kb / 14P
   Tone Control/Volume Control
M62421SP RENESAS-M62421SP Datasheet
205Kb / 14P
   Tone and Volume Controller with 2 Line Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com