Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM41256SA10TI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PDM41256SA10TI
Description  256K Static RAM 32K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41256SA10TI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PDM41256SA10TI Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41256SA10TI Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41256SA10TI Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41256SA10TI Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41256SA10TI Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41256SA10TI Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41256SA10TI Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41256SA10TI Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PDM41256
Rev. 2.0 - 7/17/96
3-39
1
2
3
4
5
6
7
8
9
10
11
12
Low VCC Data Retention Waveform
Data Retention Electrical Characteristics (LA Version Only)
NOTES: (For three previous Electrical Characteristics tables)
1. The device is continuously selected. Chip Enable is held in its active state.
2. The address is valid prior to or coincident with the latest occuring Chip Enable.
3. At any given temperature and voltage condition, tHZCE is less than tLZCE.
4. This parameter is sampled.
5. The parameter is tested with CL = 5 pF as shown in Figure 2. Transition is measured ±200 mV from steady state voltage
6. Vcc = 5V ± 5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Retention Data
2
V
ICCDR
Data Retention Current
CE
≥ V
CC – 0.2V
VIN ≥ VCC – 0.2V
or
≤ 0.2V
VCC = 2V
95
500
µA
VCC = 3V
350
750
µA
tCDR
Chip Deselect to Data Retention Time
0
ns
tR
(4)
Operation Recovery Time
tRC
ns


Similar Part No. - PDM41256SA10TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41256SA10TI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Cypress Semiconductor
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com