Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ3064 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PZ3064
Description  64 macrocell CPLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3064 Datasheet(HTML) 5 Page - NXP Semiconductors

  PZ3064 Datasheet HTML 1Page - NXP Semiconductors PZ3064 Datasheet HTML 2Page - NXP Semiconductors PZ3064 Datasheet HTML 3Page - NXP Semiconductors PZ3064 Datasheet HTML 4Page - NXP Semiconductors PZ3064 Datasheet HTML 5Page - NXP Semiconductors PZ3064 Datasheet HTML 6Page - NXP Semiconductors PZ3064 Datasheet HTML 7Page - NXP Semiconductors PZ3064 Datasheet HTML 8Page - NXP Semiconductors PZ3064 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Philips Semiconductors
Product specification
PZ3064
64 macrocell CPLD
1997 Mar 05
85
Macrocell Architecture
Figure 3 shows the architecture of the macrocell used in the
CoolRunner
™ family. The macrocell consists of a flip-flop that can be
configured as either a D or T type. A D-type flip-flop is generally
more useful for implementing state machines and data buffering. A
T-type flip-flop is generally more useful in implementing counters. All
CoolRunner
™ family members provide both synchronous and
asynchronous clocking and provide the ability to clock off either the
falling or rising edges of these clocks. These devices are designed
such that the skew between the rising and falling edges of a clock
are minimized for clocking integrity. There are 4 clocks available on
the PZ3064 device. Clock 0 (CLK0) is designated as the
“synchronous” clock and must be driven by an external source.
Clock 1 (CLK1), Clock 2 (CLK2), and Clock 3 (CLK3) can either be
used as a synchronous clock (driven by an external source) or as an
asynchronous clock (driven by a macrocell equation).
Two of the control terms (CT0 and CT1) are used to control the
Preset/Reset of the macrocell’s flip-flop. The Preset/Reset feature
for each macrocell can also be disabled. Note that the Power-on
Reset leaves all macrocells in the “zero” state when power is
properly applied. The other 4 control terms (CT2–CT5) can be used
to control the Output Enable of the macrocell’s output buffers. The
reason there are as many control terms dedicated for the Output
Enable of the macrocell is to insure that all CoolRunner
™ devices
are PCI compliant. The macrocell’s output buffers can also be
always enabled or disabled. All CoolRunner
™ devices also provide a
Global Tri-State (GTS) pin, which, when pulled Low, will 3-State all
the outputs of the device. This pin is provided to support “In-Circuit
Testing” or “Bed-of-Nails Testing”.
There are two feedback paths to the ZIA: one from the macrocell,
and one from the I/O pin. The ZIA feedback path before the output
buffer is the macrocell feedback path, while the ZIA feedback path
after the output buffer is the I/O pin ZIA path. When the macrocell is
used as an output, the output buffer is enabled, and the macrocell
feedback path can be used to feedback the logic implemented in the
macrocell. When the I/O pin is used as an input, the output buffer
will be 3-Stated and the input signal will be fed into the ZIA via the
I/O feedback path, and the logic implemented in the buried
macrocell can be fed back to the ZIA via the macrocell feedback
path. It should be noted that unused inputs or I/Os should be
properly terminated.
CT2
CT3
CT4
CT5
VCC
GND
INIT
(P or R)
D/T
Q
CLK0
CLK0
CLK1
CLK1
TO ZIA
GND
CT0
CT1
GND
GTS
CLK2
CLK2
CLK3
CLK3
SP00457
Figure 3.
PZ3064 Macrocell Architecture


Similar Part No. - PZ3064

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10A44 PHILIPS-PZ3032-10A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10BC PHILIPS-PZ3032-10BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12A44 PHILIPS-PZ3032-12A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12BC PHILIPS-PZ3032-12BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
More results

Similar Description - PZ3064

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
   XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
   XCR3064XL 64 Macrocell CPLD
logo
Cypress Semiconductor
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Microchip Technology
ATF1504ASV MICROCHIP-ATF1504ASV Datasheet
1Mb / 30P
   ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
Revision A 03/2019
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com