Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I2779AF-08ST Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # I2779AF-08ST
Description  Low-Cost Notebook EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2779AF-08ST Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  I2779AF-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation I2779AF-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation I2779AF-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation I2779AF-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation I2779AF-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation I2779AF-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation I2779AF-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation I2779AF-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
June 2005
P2779A
rev 0.1
Low-Cost Notebook EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Connect to crystal or clock input.
2
XOUT
O
Crystal output.
3
PD
I
Power-down control pin. Pull low to enable power-down mode.
This pin has an internal pull-up resistor.
1
4
LF
I
External loop filter for the PLL. By changing the value of the CRC circuit,
the percentage spread can be adjusted accordingly.
(See Loop Filter Selection Table for detail values.)
5
VSS
P
Ground connection. Connect to system ground.
6
ModOUT
O
Spread spectrum clock output.
7
REF
O
Provides a reference clock output of the input frequency.
8
VDD
P
Connect to +3.3 V.
Note: 1. Connect to VDD if not used.
Loop Filter Selection Table VDD 3.3 V
BW = ± 0.50%
BW = ± 0.75%
BW = ± 1.00%
BW = ± 1.25%
Input
(MHz)
FS1
FS0
C1
(pF)
C2
(pF)
R1
(Ω)
C1
(pF)
C2
(pF)
R1
(Ω)
C1
(pF)
C2
(pF)
R1
(Ω)
C1
(pF)
C2
(pF)
R1
(Ω)
20
1
0
270
100,000
330
270
100,000
560
270
100,000
750
560
100,000
910
21-22
1
0
270
100,000
390
270
100,000
620
270
100,000
866(1%)
560
100,000
1,100
23-24
1
0
270
100,000
510
270
100,000
750
270
10,000
1,000
680
6,800
1,200
25-26
1
0
270
100,000
560
270
100,000
820
270
12,000
1,200
470
4,700
1,200
27-28
1
0
270
100,000
620
270
100,000
1,000
270
6,800
1,200
330
3,300
1,200
29-30
1
0
270
100,000
750
270
100,000
1,100
270
3,900
1,200
330
3,300
1,500
31-32
1
0
270
100,000
820
270
100,000
1,200
270
12,000
2,200
680
6,800
2,200
33-34
1
0
270
100,000
910
270
100,000
1,300
270
10,000
2,200
390
3,900
2,200
35-36
1
0
270
100,000
1,000
270
100,000
1,500
270
5,600
2,200
270
2,700
2,200
37-38
1
0
270
100,000
1,200
270
100,000
1,600
270
3,300
2,200
270
2,700
2,700
Please contact factory for loop filter values if desired spread settings are not listed.
C2
C1
R1
Pin 4 LF
REF
VSS
1
2
3
4
5
6
7
8
P2779A
XIN/ CLKIN
XOUT
PD
LF
VDD
ModOUT


Similar Part No. - I2779AF-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2779AF-08-SR PULSECORE-I2779AF-08-SR Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
I2779AF-08-SR ONSEMI-I2779AF-08-SR Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
I2779AF-08-ST PULSECORE-I2779AF-08-ST Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
I2779AF-08-ST ONSEMI-I2779AF-08-ST Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
I2779AF-08-TR PULSECORE-I2779AF-08-TR Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
More results

Similar Description - I2779AF-08ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
   Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
P1708C ALSC-P1708C Datasheet
482Kb / 10P
   Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
   Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
P1707A ALSC-P1707A Datasheet
209Kb / 10P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com