Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS1038-394NLD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSS1038-394NLD
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSS1038-394NLD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSS1038-394NLD Datasheet HTML 1Page - List of Unclassifed Manufacturers MSS1038-394NLD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2005
SMT Power Inductors – Series MSS1038
Specifications subject to change without notice.
Please check our website for latest information.
Document 378-2
Document 378-2
Revised 01/25/05
0.402 ±0.008
10,2 ±0,2
0.394 ±0.008
10,0 ±0,2
0.150 ±0.008
3,8 ±0,2
0.303 ±0.008
7,7 ±0,2
0.047 ±0.008
1,2 ±0,2
0.118 ±0.008
3,0 ±0,2
0.14
3,56
0.30
7,62
0.07
1,78
Recommended
Land Pattern
XXX
Terminations:
Nickel/tin over copper
Weight:
1.5 g
Tape and reel:
250/7
″ reel; 1000/13″ reel 24 mm tape width
For packaging data see Tape and Reel Specifications section.
1
10
100
1000
10000
0.01
0.1
10
1
Frequency (MHz)
1.5 µH
10 µH
27 µH
270 µH
100 µH
1000 µH
1
10
100
1000
10000
0.01
0.1
10
1
Current (A)
1.5 µH
10 µH
27 µH
270 µH
100 µH
1000 µH
Typical L vs Frequency
Typical L vs Current
CurrentDerating


Similar Part No. - MSS1038-394NLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS1038-394KL COILCRAFT-MSS1038-394KL Datasheet
209Kb / 2P
   SMT Power Inductors
MSS1038-394KL COILCRAFT-MSS1038-394KL Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
MSS1038-394KL COILCRAFT-MSS1038-394KL Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
MSS1038-394KL COILCRAFT-MSS1038-394KL Datasheet
178Kb / 2P
   Shielded Power Inductors
MSS1038-394KLB COILCRAFT-MSS1038-394KLB Datasheet
169Kb / 2P
   Shielded Power Inductors MSS1038
More results

Similar Description - MSS1038-394NLD

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com