Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC912FDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89LPC912FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912FDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89LPC912FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
10 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Table 4:
P89LPC913 pin description
Symbol
Pin
Type
Description
P0.2,
P0.4 to P0.6
I/O
Port 0: Port 0 is a 4-bit I/O port with a user-configurable output type. During reset
Port 0 latches are configured in the input only mode with the internal pull-up disabled.
The operation of Port 0 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
9.11.1 “Port configurations” and Table 13 “DC electrical characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:
13
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
12
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
11
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
5
I/O
P0.6 — Port 0 bit 6.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P1.0, P1.1,
P1.5
I/O
(P1.0,
P1.1);
I (P1.5)
Port 1: Port 1 is a 3-bit I/O port with a user-configurable output type, except for P1.5
noted below. During reset Port 1 latches are configured in the input only mode with
the internal pull-up disabled. The operation of the configurable Port 1 pins as inputs
and outputs depends upon the port configuration selected. Each of the configurable
port pins are programmed independently. Refer to Section 9.11.1 “Port
configurations” and Table 13 “DC electrical characteristics” for details. P1.5 is input
only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
9
I/O
P1.0 — Port 1 bit 0.
O
TxD — Transmitter output for the serial port.
6
I/O
P1.1 — Port 1 bit 1.
I
RxD — Receiver input for the serial port.
3I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during Power-on or if selected via UCFG1. When
functioning as a reset input, a LOW on this pin resets the microcontroller, causing I/O
ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force In-System
Programming mode. When using an oscillator frequency above 12 MHz, the
reset input function of P1.5 must be enabled. An external circuit is required to
hold the device in reset at power-up until VDD has reached its specified level.
When system power is removed VDD will fall below the minimum specified
operating voltage. When using an oscillator frequency above 12 MHz, in some
applications, an external brownout detect circuit may be required to hold the
device in reset when VDD falls below the minimum specified operating voltage.


Similar Part No. - P89LPC912FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC912FDH NXP-P89LPC912FDH Datasheet
326Kb / 66P
   8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
More results

Similar Description - P89LPC912FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
   8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC920 PHILIPS-P89LPC920 Datasheet
877Kb / 45P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06-21 November 2003
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com