Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C51RB2HBA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P89C51RB2HBA
Description  80C51 8-bit Flash microcontroller family
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RB2HBA Datasheet(HTML) 5 Page - NXP Semiconductors

  P89C51RB2HBA Datasheet HTML 1Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 2Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 3Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 4Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 5Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 6Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 7Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 8Page - NXP Semiconductors P89C51RB2HBA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Philips Semiconductors
Product data
P89C51RB2/P89C51RC2/
P89C51RD2Hxx
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
2002 May 24
2
ORDERING INFORMATION
PART ORDER
MEMORY
TEMPERATURE
VOLTAGE
FREQUENCY (MHz)
PART ORDER
NUMBER
FLASH
RAM
RANGE (
°C)
AND PACKAGE
VOLTAGE
RANGE
6 CLOCK
MODE
12 CLOCK
MODE
DWG #
1
P89C51RB2HBA
16 kB
512 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
2
P89C51RB2HBBD
16 kB
512 B
0 to +70, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
3
P89C51RC2HBP
32 kB
512 B
0 to +70, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
4
P89C51RC2HBA
32 kB
512 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
5
P89C51RC2HFA
32 kB
512 B
–40 to +85, PLCC
4.75–5.25 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
6
P89C51RC2HBBD
32 kB
512 B
0 to +70, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
7
P89C51RC2HFBD
32 kB
512 B
–40 to +85, LQFP
4.75–5.25 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
8
P89C51RD2HBP
64 kB
1 kB
0 to +70, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
9
P89C51RD2HBA
64 kB
1 kB
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
10
P89C51RD2HBBD
64 kB
1 kB
0 to +70, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1


Similar Part No. - P89C51RB2HBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51RB2HBA PHILIPS-P89C51RB2HBA Datasheet
289Kb / 52P
   80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
1999 Sep 23
More results

Similar Description - P89C51RB2HBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com