Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV320TXBC-12 Datasheet(PDF) 11 Page - Macronix International

Part # MX29LV320TXBC-12
Description  32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320TXBC-12 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29LV320TXBC-12 Datasheet HTML 7Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 8Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 9Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 10Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 11Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 12Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 13Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 14Page - Macronix International MX29LV320TXBC-12 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
11
P/N:PM0742
REV. 1.4, JUL. 04, 2003
MX29LV320T/B
REQUIREMENTS FOR READING ARRAY
DATA
To read array data from the outputs, the system must
drive the CE and OE pins to VIL. CE is the power control
and selects the device. OE is the output control and gates
array data to the output pins. WE should remain at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content
occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid address on
the device address inputs produce valid data on the device
data outputs.The device remains enabled for read access
until the command register contents are altered.
WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of memory
, the system must drive WE and CE to VIL, and OE to
VIH.
An erase operation can erase one sector, multiple sectors
, or the entire device.Table 1 indicates the address space
that each sector occupies. A "sector address" consists
of the address bits required to uniquely select a sector.
Writing specific address and data commands or
sequences into the command register initiates device
operations. Table 3 defines the valid register command
sequences. Writing incorrect address and data values or
writing them in the improper sequence resets the device
to reading array data. Section has details on erasing a
sector or the entire chip, or suspending/resuming the erase
operation.
After the system writes the Automatic Select command
sequence, the device enters the Automatic Select mode.
The system can then read Automatic Select codes from
the internal register (which is separate from the memory
array) on Q7-Q0. Standard read cycle timings apply in
this mode. Refer to the Automatic Select Mode and
Automatic Select Command Sequence section for more
information.
ICC2 in the DC Characteristics table represents the active
current specification for the write mode. The "AC
Characteristics" section contains timing specification
table and timing diagrams for write operations.
ACCELERATED PROGRAM OPERATION
The device offers accelerated program operations through
the WP/ACC function. If the system asserts V
HH on ACC
pin, the device will provide the fast programming time to
user. This function is primarily intended to allow faster
manufacturing throughput during production. Removing
V
HH from the WP/ACC pin returns the device to normal
operation. Note that the WP/ACC pin must not be at V
HH
for operations other than accelerated programming, or
device damage may result.
STANDBY MODE
MX29LV320T/B can be set into Standby mode with two
different approaches. One is using both CE and RESET
pins and the other one is using RESET pin only.
When using both pins of CE and RESET, a CMOS
Standby mode is achieved with both pins held at Vcc ±
0.3V. Under this condition, the current consumed is less
than 0.2uA (typ.). If both of the CE and RESET are held
at VIH, but not within the range of VCC ± 0.3V, the device
will still be in the standby mode, but the standby current
will be larger. During Auto Algorithm operation, Vcc ac-
tive current (ICC2) is required even CE = "H" until the
operation is completed.The device can be read with stan-
dard access time (tCE) from either of these standby
modes.
When using only RESET, a CMOS standby mode is
achieved with RESET input held at Vss ± 0.3V, Under
this condition the current is consumed less than 1uA
(typ.). Once the RESET pin is taken high,the device is
back to active without recovery delay.
In the standby mode the outputs are in the high imped-
ance state, independent of the OE input.
MX29LV320T/B is capable to provide the Automatic
Standby Mode to restrain power consumption during read-
out of data. This mode can be used effectively with an
application requested low power consumption such as
handy terminals.
To active this mode, MX29LV320T/B automatically switch
themselves to low power mode when MX29LV320T/B
addresses remain stable during access time of
tACC+30ns. It is not necessary to control CE, WE, and
OE on the mode. Under the mode, the current consumed
is typically 0.2uA (CMOS level).


Similar Part No. - MX29LV320TXBC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320AB MCNIX-MX29LV320AB Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70 MCNIX-MX29LV320ABTC-70 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70G MCNIX-MX29LV320ABTC-70G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90 MCNIX-MX29LV320ABTC-90 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90G MCNIX-MX29LV320ABTC-90G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV320TXBC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com