Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL2068 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OL2068
Description  Industrial 30 Volt 4-Channel Differential Power Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OL2068 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OL2068 Datasheet HTML 1Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 2Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 3Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 4Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 5Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 6Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 7Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 8Page - List of Unclassifed Manufacturers OL2068 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
OL2068
Industrial 30 Volt 4-Channel Differential Power Line Driver - Short Circuit Proof -
Table 4 AC Characteristics (V
CCD = 12.0 V, TA = 25 °C, Cable capacitance 1000pF, unless otherwise noted)
15 Measured from 10% to 90% of the Output signal with a capacitive load on each output pin to ground (see Figure 3).
Figure 2
Definition of Output Rise and Fall Time
Figure 3
AC Test Circuit
C
L = 1.000pF
Figure 1
Timing diagram with typical asynchronous
propagation delays
V
OL
V
OH
Input
Output
V
TH+
V
IH
V
IL
V
TH-
90%
10%
10%
90%
t
R
t
F
50%
50%
50%
50%
V
OL
V
OH
Input
Output
Output-
t
PLH
t
PHL
t
PHL
50%
50%
V
IH
V
IL
t
PLH
V
OL
V
OH
V
CCD
Output+
Output-
1/4
OL2068
Input
C
L
C
L
For Stateside information contact...
Quantum Devices, Inc.,
112 Orbison St.,
PO Box 100,
Barneveld,
WI,
53507
q
Tele: (608) 924-3000 qFax: (608) 924-3007 qURL: www.quantumdev.com qEmail: qdisales@quantumdev.com
Paramter
Symbol
Condition
Min
Typ
Max
Unit
Disable delay time
t
OFF
100
200.0
ns
Enable delay time
t
ON
76
600.0
ns
Propagation delay from 50% point of
rising edge of input pulse to zero crossing
of differential outputs (see figure 1)
t
PLH
V
CCD
= 5.0 V
V
CCD = 12.0 V
V
CCD = 24.0 V
C
LOAD = 1000 pF
64
74
100
200.0
200.0
330.0
ns
ns
ns
Propagation delay from 50% point of
falling edge of input pulse to zero crossing
of differential outputs (see figure 1)
t
PHL
V
CCD
= 5.0 V
V
CCD = 12.0 V
V
CCD = 24.0 V
C
LOAD
= 1000 pF
70
80
100
280.0
280.0
330.0
ns
ns
ns
Output rise time (see figure 2)
t
R
15
V
CCD = 5.0 V
V
CCD = 12.0 V
V
CCD = 24.0 V
C
LOAD
= 1000 pF
42
110
120
200.0
350.0
380.0
ns
ns
ns
Output fall time (see figure 2)
t
F
16
V
CCD = 5.0 V
V
CCD = 12.0 V
V
CCD
= 24.0 V
C
LOAD = 1000 pF
32
62
84
200.0
350.0
380.0
ns
ns
ns


Similar Part No. - OL2068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OL2300 NXP-OL2300 Datasheet
1Mb / 46P
   Fractional-N PLL based transmitter
Rev. 2-28 October 2010
OL2381 NXP-OL2381 Datasheet
1Mb / 152P
   Highly integrated single-chip sub 1 GHz RF transceiver
Rev. 1-30 November 2011
OL2385 NXP-OL2385 Datasheet
854Kb / 85P
   Industrial RF transceiver
Rev. 1.0-15 June 2016
OL2385SWUG NXP-OL2385SWUG Datasheet
10Mb / 64P
   SIGFOX software driver
Rev. 2.1-6 April 2018
More results

Similar Description - OL2068

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7272 LSI-LS7272 Datasheet
140Kb / 6P
   30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
LS7273N LSI-LS7273N Datasheet
120Kb / 6P
   30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
logo
IC-Haus GmbH
IC-DL ICHAUS-IC-DL_17 Datasheet
530Kb / 10P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-VX ICHAUS-IC-VX Datasheet
603Kb / 11P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-DL ICHAUS-IC-DL Datasheet
305Kb / 9P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com