Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2336 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2336
Description  Battery Charger IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2336 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2336 Datasheet HTML 1Page - New Japan Radio NJM2336 Datasheet HTML 2Page - New Japan Radio NJM2336 Datasheet HTML 3Page - New Japan Radio NJM2336 Datasheet HTML 4Page - New Japan Radio NJM2336 Datasheet HTML 5Page - New Japan Radio NJM2336 Datasheet HTML 6Page - New Japan Radio NJM2336 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM2336
Battery Charger IC
GENERAL DESCRIPTION
The NJM2336 is a voltage and current control IC which
contains precision voltage reference.
It is suitable for battery charger, second controller of
switching regulator systems, and other battery systems.
PACKAGE OUTLINE
NJM2336AF/BF/CF
FEATURES
Operating Voltage
2.2V to 13V
Internal Precision Voltage Reference
1.24V±1%
Photo Coupler ( PC ) Drive Current
20mA max.
Operating Current
350µA max.
Bipolar Technology
Package Outline
MTP6
PIN CONFIGURATION
1 : A -INPUT
2 : GND
3 : B +INPUT
4 : V+
5 : PC
6 : A +INPUT
VREF(B)
1
2
3
6
5
4
VREF(A)
A
+
B
+
-
-


Similar Part No. - NJM2336

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
   Battery Charger IC
NJM2337AF NJRC-NJM2337AF Datasheet
129Kb / 6P
   Battery Charger IC
NJM2337BF NJRC-NJM2337BF Datasheet
129Kb / 6P
   Battery Charger IC
NJM2337CF NJRC-NJM2337CF Datasheet
129Kb / 6P
   Battery Charger IC
More results

Similar Description - NJM2336

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
   Battery Charger IC
logo
Toshiba Semiconductor
TA8532P TOSHIBA-TA8532P Datasheet
408Kb / 10P
   BATTERY CHARGER IC
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
   IC for Battery Charger
2014-10-01
logo
Shanghai Consonance Ele...
CN3066 CONSONANCE-CN3066 Datasheet
247Kb / 12P
   Lithium Battery Charger IC
CN3153 CONSONANCE-CN3153 Datasheet
173Kb / 11P
   Lithium Battery Charger IC
CN3153B CONSONANCE-CN3153B Datasheet
239Kb / 11P
   Lithium Battery Charger IC
CN3152 CONSONANCE-CN3152 Datasheet
184Kb / 11P
   Lithium Battery Charger IC
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
CN3162 CONSONANCE-CN3162 Datasheet
247Kb / 12P
   1A Lithium Battery Charger IC
CN3155 CONSONANCE-CN3155 Datasheet
165Kb / 11P
   Lithium Titanate Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com