Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP7662 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP7662
Description  INDUCTORLESS VOLTAGE CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP7662 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP7662 Datasheet HTML 1Page - ON Semiconductor NCP7662 Datasheet HTML 2Page - ON Semiconductor NCP7662 Datasheet HTML 3Page - ON Semiconductor NCP7662 Datasheet HTML 4Page - ON Semiconductor NCP7662 Datasheet HTML 5Page - ON Semiconductor NCP7662 Datasheet HTML 6Page - ON Semiconductor NCP7662 Datasheet HTML 7Page - ON Semiconductor NCP7662 Datasheet HTML 8Page - ON Semiconductor NCP7662 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP7662
http://onsemi.com
4
DETAILED DESCRIPTION
The NCP7662 contains all the necessary circuitry to
complete a negative voltage converter, with the exception of
two external capacitors which may be inexpensive 1
µF
polarized electrolytic types. The mode of operation of the
device may be best understood by considering Figure 2,
which shows an idealized negative voltage converter.
Capacitor C1 is charged to a voltage V+ for the half cycle
when switches S1 and S3 are closed. (Note: Switches S2 and
S4 are open during this half cycle.) During the second half
cycle of operation, switches S2 and S4 are closed, with S1
and S3 open, thereby shifting capacitor C1 negatively by V+
volts. Charge is then transferred from C1 to C2 such that the
voltage on C2 is exactly V+, assuming ideal switches and no
load on C2. The NCP7662 approaches this ideal situation
more closely than existing non–mechanical circuits.
In the NCP7662 the four switches of Figure 2 are MOS
power switches; S1 is a P–channel device and S2, S3 and S4
are N–channel devices. The main difficulty with this
approach is that in integrating the switches, the substrates of
S3 and S4 must always remain reverse biased with respect to
their sources, but not so much as to degrade their “ON’’
resistances. In addition, at circuit start up, and under output
short circuit conditions (VOUT = V+), the output voltage
must be sensed and the substrate bias adjusted accordingly.
Failure to accomplish this would result in high power losses
and probable device latchup.
The problem is eliminated in the NCP7662 by a logic
network which senses the output voltage (VOUT) together
with the level translators, and switches the substrates of S3
and S4 to the correct level to maintain necessary reverse bias.
The voltage regulator portion of the NCP7662 is an
integral part of the anti–latchup circuitry; however, its
inherent voltage drop can degrade operation at low voltages.
Therefore, to improve low voltage operation, the “LV’’ pin
should be connected to GND, disabling the regulator. For
supply voltages greater than 3.5 volts, the LV terminal must
be left open to insure latchup proof operation and prevent
device damage.
(+5 V)
4
1
2
3
8
7
6
5
+
+
VO
IS
R L
I L
C2
10
µF
V +
C1
10
µF
V +
Figure 1. Test Circuit
THEORETICAL POWER EFFICIENCY
CONSIDERATIONS
In theory, a voltage converter can approach 100%
efficiency if certain conditions are met:
A. The drive circuitry consumes minimal power.
B. The output switches have extremely low ON resistance
and virtually no offset.
C. The impedances of the pump and reservoir capacitors
are negligible at the pump frequency.
The NCP7662 approaches these conditions for negative
voltage conversion if large values of C1 and C2 are used.
Energy is lost only in the transfer of charge between
capacitors if a change in voltage occurs. The energy lost
is defined by:
E = 1/2 C1 (V12 – V22)
where V1 and V2 are the voltages on C1 during the pump and
transfer cycles. If the impedances of C1 and C2 are relatively
high at the pump frequency (refer to Figure 2) compared to
the value of RL, there will be a substantial difference in
voltages V1 and V2. Therefore, it is desirable not only to
make C2 as large as possible to eliminate output voltage
ripple, but also to employ a correspondingly large value for
C1 in order to achieve maximum efficiency of operation.
Dos and Don’ts
1. Do not exceed maximum supply voltages.
2. Do not connect the LV terminal to GND for supply
voltages greater than 3.5 volts.
3. Do not short circuit the output to V+ supply for voltages
above 5.5 volts for extended periods; however, transient
conditions including start–up are okay.
4. When using polarized capacitors in the inverting mode,
the + terminal of C1 must be connected to pin 2 of the
NCP7662 and the – terminal of C2 must be connected to
GND.
5. If the voltage supply driving the NCP7662 has a large
source impedance (25–30 ohms), then a 2.2
µF capacitor
from pin 8 to ground may be required to limit the rate of
rise of the input voltage to less than 2 V/
µs.
Figure 2. Idealized Negative Voltage Capacitor
VIN
= – VIN
V OUT
C1
C2
S 1
S 2
S 3
S4


Similar Part No. - NCP7662

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP7662

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3183 ANALOGICTECH-AAT3183_08 Datasheet
348Kb / 15P
   300mA Inductorless Step-Down Converter
AAT3183 ANALOGICTECH-AAT3183 Datasheet
630Kb / 16P
   300mA Inductorless Step-Down Converter
logo
ams AG
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
logo
Fairchild Semiconductor
FAN5660 FAIRCHILD-FAN5660 Datasheet
339Kb / 9P
   Monolithic Inductorless CMOS DC/DC Converter
logo
ams AG
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
   5V/30mA Adaptive Inductorless Boost Converter
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
logo
Linear Technology
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
logo
Linear Technology
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com