Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-302 Datasheet(PDF) 3 Page - RF Micro Devices

Part # NBB-302
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-302 Datasheet(HTML) 3 Page - RF Micro Devices

  NBB-302 Datasheet HTML 1Page - RF Micro Devices NBB-302 Datasheet HTML 2Page - RF Micro Devices NBB-302 Datasheet HTML 3Page - RF Micro Devices NBB-302 Datasheet HTML 4Page - RF Micro Devices NBB-302 Datasheet HTML 5Page - RF Micro Devices NBB-302 Datasheet HTML 6Page - RF Micro Devices NBB-302 Datasheet HTML 7Page - RF Micro Devices NBB-302 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-11
NBB-302
Rev A5 050414
Pin
Function
Description
Interface Schematic
1GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
2GND
Same as pin 1.
3GND
Same as pin 1.
4RF IN
RF input pin. This pin is NOT internally DC blocked. A DC blocking
capacitor, suitable for the frequency of operation, should be used in
most applications. DC coupling of the input is not allowed, because this
will override the internal feedback loop and cause temperature instabil-
ity.
5GND
Same as pin 1.
6GND
Same as pin 1.
7GND
Same as pin 1.
8RF OUT
RF output and bias pin. Biasing is accomplished with an external series
resistor and choke inductor to VCC. The resistor is selected to set the
DC current into this pin to a desired level. The resistor value is deter-
mined by the following equation:
Care should also be taken in the resistor selection to ensure that the
current into the part never exceeds maximum datasheet operating cur-
rent over the planned operating temperature. This means that a resistor
between the supply and this pin is always required, even if a supply
near 5.0V is available, to provide DC feedback to prevent thermal run-
away. Alternatively, a constant current supply circuit may be imple-
mented. Because DC is present on this pin, a DC blocking capacitor,
suitable for the frequency of operation, should be used in most applica-
tions. The supply side of the bias network should also be well
bypassed.
9GND
Same as pin 1.
R
VCC VDEVICE
()
ICC
-------------------------------------------
=
RF OUT
RF IN


Similar Part No. - NBB-302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
189Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-302 RFMD-NBB-302 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
NBB-302 RFMD-NBB-302 Datasheet
319Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-302 RFMD-NBB-302 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302-E RFMD-NBB-302-E Datasheet
189Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results

Similar Description - NBB-302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB_312 QORVO-NBB_312 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-300 RFMD-NBB-300 Datasheet
566Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-310 RFMD-NBB-310_13 Datasheet
557Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com