Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N02L163WN1A Datasheet(PDF) 8 Page - NanoAmp Solutions, Inc.

Part # N02L163WN1A
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WN1A Datasheet(HTML) 8 Page - NanoAmp Solutions, Inc.

Back Button N02L163WN1A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 9Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 10Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(DOC# 14-02-014 REV L ECN# 01-1000)
8
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WN1A
Timing Waveform of Write Cycle (WE control)
Timing Waveform of Write Cycle (CE Control)
Address
Data In
CE
LB, UB
Data Valid
tWC
tAW
tCW
tWR
tWHZ
tDH
High-Z
WE
Data Out
High-Z
tOW
tAS
tWP
tDW
tLBW, tUBW
Address
WE
Data Valid
tWC
tAW
tCW
tWR
tDH
LB, UB
Data In
High-Z
tAS
tWP
tLZ
tDW
tLBW, tUBW
Data Out
tWHZ
CE


Similar Part No. - N02L163WN1A

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

Similar Description - N02L163WN1A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com