Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX98726 Datasheet(PDF) 11 Page - Macronix International

Part # MX98726
Description  SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX98726 Datasheet(HTML) 11 Page - Macronix International

Back Button MX98726 Datasheet HTML 7Page - Macronix International MX98726 Datasheet HTML 8Page - Macronix International MX98726 Datasheet HTML 9Page - Macronix International MX98726 Datasheet HTML 10Page - Macronix International MX98726 Datasheet HTML 11Page - Macronix International MX98726 Datasheet HTML 12Page - Macronix International MX98726 Datasheet HTML 13Page - Macronix International MX98726 Datasheet HTML 14Page - Macronix International MX98726 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
11
P/N:PM0555
REV. 0.9.8, FEB. 14, 2000
MX98726
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
GMAC Test Register A : TRA (Reg02h),R/W, default=00h
Bit
Symbol
Description
2.0
TEST
Test mode enable: Set to enable test modes defined by TMODE[2:0], default is reset
for normal operation.
2.1-2.3
TMODE[2:0]
Test Mode Select bits[2:0]: Reserved for GMAC's internal test, only meaningful when
TEST bit is set.
2.4
RWR
Receive Watchdog Release : When set, the receive watchdog is released 40 to 48 bit
times from the last carrier deassertion. When reset, the receive watchdog is re-
leased 16 to 24 bits times from the last carrier deassertion.
2.5
RWD
Receive Watchdog Disable : When set, the receive watchdog is disabled. When re-
set, receive carriers longer than 2560 bytes are guaranteed to cause the watchdog
timeout. Packets shorted than 2048 bytes are guaranteed to pass.
2.6
FC
Forced Collision : Set to force collision at every transmit packet, this bit works only in
internal FIFO loopback mode, i.e. LB0=1, LB1=0, to test excessive collision. Default
is reset.
2.7
SB
Start/Stop Backoff counter:When set, indicates internal backoff counter stops counting
when any carrier is detected. Counter resumed when carrier drops. When reset, the
internal backoff counter is not affected by carrier activity. Default is reset.
GMAC Test Register : TRB (Reg03h), R/W, default=00h
Bit
Symbol
Description
3.0
FKD*
Flaky Oscillator Disable: When set, indicates that the internal flaky oscillator is dis-
abled; pseudo random numbers are chosen instead of fully random numbers, used
for internal diagnostic purpose. Set to disable normal clocking scheme in timer's
test, set to enable timer test. Default is reset.
3.1
RDNCNTCB*
Reserved for test
3.2
RDNCNTSB*
Reserved for test
3.3
COLCNTCB*
Reserved for test
3.4
BFS0
Reserved for test
3.5
BKCNTLB*
Reserved for test
3.6
BFS1
Reserved for test
3.7
BFSTATUS
Reserved for test


Similar Part No. - MX98726

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
More results

Similar Description - MX98726

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
logo
Davicom Semiconductor, ...
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
logo
Macronix International
MX98728EC MCNIX-MX98728EC Datasheet
389Kb / 71P
   GMAC SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER FOR GENERIC APPLICATION
logo
WIZnet Co., Ltd
W5100 WIZNET-W5100 Datasheet
1Mb / 72P
   Single-chip Internet-enabled 10/100 Ethernet Controller
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
DM9010 ETC2-DM9010 Datasheet
1Mb / 61P
   Single Chip Ethernet Controller with General Processor Interface
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
   PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com