Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX98726 Datasheet(PDF) 7 Page - Macronix International

Part # MX98726
Description  SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX98726 Datasheet(HTML) 7 Page - Macronix International

Back Button MX98726 Datasheet HTML 3Page - Macronix International MX98726 Datasheet HTML 4Page - Macronix International MX98726 Datasheet HTML 5Page - Macronix International MX98726 Datasheet HTML 6Page - Macronix International MX98726 Datasheet HTML 7Page - Macronix International MX98726 Datasheet HTML 8Page - Macronix International MX98726 Datasheet HTML 9Page - Macronix International MX98726 Datasheet HTML 10Page - Macronix International MX98726 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
P/N:PM0555
REV. 0.9.8, FEB. 14, 2000
MX98726
MACRONIX INTERNATIONAL CO., LTD. reserves the rignt to change product and specifications without notice.
10/100 Tranceiver interface :
PIN#
Pin Name
Type
Description
14
RDA
O
RDA external resistor to ground: 10K ohm, 5%
17
CKREF(X1)
I, TTL
25Mhz , 30 PPM external osc./crystal input :
16
X2
O
25Mhz , 30 PPM external crystal output :
23
RXIN
I
Twisted pair receive differential input: support both 10/100 Mbps speed
24
RXIP
I
Twisted pair receive differential input: support both 10/100 Mbps speed
29
TXON
O
Twisted pair transmit differential output: support both 10/100 Mbps speed,
meet 802.3/802.3u spec.
30
TXOP
O
Twisted pair transmit differential output: support both 10/100 Mbps speed,
meet 802.3/802.3u spec.
32
CPK
O
NC pin : used in test mode only
33
RTX2EQ
O
RTX2EQ external resistor to ground: 1.4K ohm, 5%
34
RTX
O
RTX external resistor to ground: 560 ohm, 5%
Miscellaneous :
PIN#
Pin Name
Type
Description
110
EECS
O,2ma
EEPROM Chip Select Signal : Active high
44
C46/C66
I,TTL
EEPROM Size Select : Set for C46, reset for C66. Internal pull-up.
84
LED0
O,16ma
LED0 : SPEED LED, when light is on, it indicates 100 Mbps speed. When
off indicates 10 Mbps speed.
83
LED1
O,16ma
LED1 :Link/Activity LED, when light is stable and on, it indicates good link.
When flashing, indicates TX and RX activities. When off means bad link.
42
UPTYPE0,
I,TTL
uP type select control bit 1-0: UPTYPE1 is internally pull-up, UPTYPE0 is
internally pull-down.
UPTYPE0
uP selected
0
80188
1
80186
43
NC
No connect


Similar Part No. - MX98726

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
More results

Similar Description - MX98726

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98726EC MCNIX-MX98726EC Datasheet
346Kb / 56P
   SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER WITH uP INTERFACE
logo
Davicom Semiconductor, ...
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
logo
Macronix International
MX98728EC MCNIX-MX98728EC Datasheet
389Kb / 71P
   GMAC SINGLE CHIP 10/100 FAST ETHERNET CONTROLLER FOR GENERIC APPLICATION
logo
WIZnet Co., Ltd
W5100 WIZNET-W5100 Datasheet
1Mb / 72P
   Single-chip Internet-enabled 10/100 Ethernet Controller
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
DM9010 ETC2-DM9010 Datasheet
1Mb / 61P
   Single Chip Ethernet Controller with General Processor Interface
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
   PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com