Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX98715A Datasheet(PDF) 4 Page - Macronix International

Part # MX98715A
Description  SINGLE CHIP FAST ETHERNET NIC CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX98715A Datasheet(HTML) 4 Page - Macronix International

  MX98715A Datasheet HTML 1Page - Macronix International MX98715A Datasheet HTML 2Page - Macronix International MX98715A Datasheet HTML 3Page - Macronix International MX98715A Datasheet HTML 4Page - Macronix International MX98715A Datasheet HTML 5Page - Macronix International MX98715A Datasheet HTML 6Page - Macronix International MX98715A Datasheet HTML 7Page - Macronix International MX98715A Datasheet HTML 8Page - Macronix International MX98715A Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
P/N:PM0537
REV. 1.2, FEB. 24, 1999
MX98715A
Pin Name
Type
Pin No
128 Pin Function and Driver
PAR
T/S
24
PCI bus parity bit: shared PCI bus even parity bit for 32 bits AD bus and CBE
bus.
STOPB
S/T/S 20
PCI Target requested transfer stop signal: as bus master, assertion of STOPB
cause MX98715A either to retry, disconnect, or abort.
REQB
T/S
115
PCI bus request signal: to initiate a bus master cycle request
GNTB
I
114
PCI bus grant acknowledge signal: host asserts to inform MX98715A that
access to the bus is granted
BPA1
O
61
Boot PROM address bit 1(EECS=0): together with BPA[15:0] to access
(EEDI)
external boot PROM up to 256KB.
EEPROM data in(EECS=1): EEPROM serial data input pin.
BPA0
O
60
Boot PROM address bit 0(EECS=0): together with BPA[15:0] to access
(EECK)
external boot PROM up to 256KB.
EEPROM clock(EECS=1): EEPROM clock input pin
BPA[15:0]
O
78-76,
73-70,
Boot PROM address line.
68-60
BPD0
T/S
58
Boot PROM data line 0(EECS=0): boot PROM or flash data line 0.
(EEDO)
EEPROM data out(EECS=1): EEPROM serial data outpin(during reset
initialization).
BPD[7:0]
T/S
51-58
Boot PROM data lines: boot PROM or flash data lines 7-0.
EECS
O
59
EEPROM Chip Select pin.
BOEB
O
69
Boot PROM Output Enable.
RDA
O
83
Connecting an external resistor to ground, Resistor value=510 ohms
RTX
O
102
Connecting an external resistor to ground, Resistor value=510 ohms
RTX2EQ
O
101
No connection.
NC
I
100
No Connection.
RXIP
I
92
Twisted pair receive differential input: Support both 10 Base-T and 100
Base-TX receive differential input.
RXIN
I
91
Twisted pair receive differential input: Support both 10 Base-T and 100
Base-TX receive differential input
TXOP
O
98
Twisted pair transmit differential output: Support both 10 Base-T and 100
Base-TX transmit differential output
TXON
O
97
Twisted pair transmit differential output: Support both 10 Base-T and 100
Base-TX transmit differential output
CKREF
I
85
Reference clock: 25MHz oscillator clock input
LED0
O
79
Programmable LED pin 0:
CSR9.28=1 Set the LED as Link Speed (10/100) LED.
CSR9.28=0 Set the LED as Activity LED.
Default is activity LED after reset.


Similar Part No. - MX98715A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
More results

Similar Description - MX98715A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com