Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT2LDT432HG-6XS Datasheet(PDF) 6 Page - Micron Technology

Part # MT2LDT432HG-6XS
Description  SMALL-OUTLINE DRAM MODULE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT2LDT432HG-6XS Datasheet(HTML) 6 Page - Micron Technology

Back Button MT2LDT432HG-6XS Datasheet HTML 2Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 3Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 4Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 5Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 6Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 7Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 8Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 9Page - Micron Technology MT2LDT432HG-6XS Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
4, 8 Meg x 32 DRAM SODIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM89.p65 – Rev. 12/98
©1998, Micron Technology, Inc.
4, 8 MEG x 32
DRAM SODIMMs
ADVANCE
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD Supply
Relative to VSS ..................................... -1V to +4.6V
Voltage on Inputs or I/O Pins
Relative to VSS ................................. -1V to +4.6V
Operating Temperature, TA (ambient) .. 0°C to +70°C
Storage Temperature (plastic) ........... -55°C to +125°C
Power Dissipation ................................................... 4W
*Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sections
of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods
may affect reliability.
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(Notes: 1) (VDD = +3.3V ±0.3V)
PARAMETER/CONDITION
SYMBOL
SIZE
MIN
MAX
UNITS NOTES
SUPPLY VOLTAGE
VDD
ALL
3
3.6
V
INPUT HIGH VOLTAGE: Valid Logic 1; All inputs
VIH
ALL
2
VDD + 0.3
V
26
INPUT LOW VOLTAGE: Valid Logic 0; All inputs
VIL
ALL
-0.3
0.8
V
26
INPUT LEAKAGE CURRENT:
CAS0#-CAS3#
IIL1
16MB
-2
2
µA
Any input at VIN (0V £ VIN £ VDD + 0.3V);
32MB
-4
4
All other pins not under test = 0V
A0-A11, WE#
II2
16MB
-4
4
µA
32MB
-8
8
RAS0#-RAS3#
II3
16MB
-2
2
µA
32MB
-2
2
OUTPUT LEAKAGE CURRENT:
DQ0-DQ31
IOZ
16MB
-5
5
µA
DQ is disabled; 0V £ VOUT £ VDD + 0.3V
32MB
-10
10
OUTPUT LEVELS:
VOH
ALL
2.4
V
Output High Voltage (IOUT = -2mA)
Output Low Voltage (IOUT = 2mA)
VOL
ALL
0.4
V


Similar Part No. - MT2LDT432HG-6XS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2 MACOM-MT2 Datasheet
488Kb / 9P
   MT2 Relay
logo
Volgen Kaga Electronics...
MT2-0505SI VOLGEN-MT2-0505SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0512SI VOLGEN-MT2-0512SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0512WI VOLGEN-MT2-0512WI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0515SI VOLGEN-MT2-0515SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT2LDT432HG-6XS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF6464HY-133D2 MICRON-MT16LSDF6464HY-133D2 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Micron Technology
MT32LD3264A MICRON-MT32LD3264A Datasheet
518Kb / 27P
   DRAM MODULE
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com